Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376392-4 Datasheet(PDF) 74 Page - Tyco Electronics

Part # 3-1376392-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376392-4 Datasheet(HTML) 74 Page - Tyco Electronics

Back Button 3-1376392-4 Datasheet HTML 70Page - Tyco Electronics 3-1376392-4 Datasheet HTML 71Page - Tyco Electronics 3-1376392-4 Datasheet HTML 72Page - Tyco Electronics 3-1376392-4 Datasheet HTML 73Page - Tyco Electronics 3-1376392-4 Datasheet HTML 74Page - Tyco Electronics 3-1376392-4 Datasheet HTML 75Page - Tyco Electronics 3-1376392-4 Datasheet HTML 76Page - Tyco Electronics 3-1376392-4 Datasheet HTML 77Page - Tyco Electronics 3-1376392-4 Datasheet HTML 78Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
208
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Application Tooling (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Automatic Machines
EDGE Electronic Applicator
Counter
Fully-automatic machines
that measure, cut, strip
and terminate single leads.
Microprocessor-controlled, and
programmed and operated
using an easy-to-follow, menu-
driven touchscreen. Features
include direct-drive terminating
units with precision crimp height
adjustment, fully programmable
setups, wire runout and splice
detection, and motorized
pre-feed with wire straightener.
Crimp quality monitoring is
also available.
Specifications
Width—159 [4 039]
Depth—68 [1 730]
Height—90 [2 285] min., with
24 [610] dia. reel
Weight—2 000 lb [907 kg]
Electrical—220 VAC, 50 or 60 Hz,
1
∅, 20 A with neutral and ground
Air—90 psi [6.21 bar], 15 scfm
[0.00708 m3/s] sustained
Wire Range—26-10 AWG
[0.12-6 mm2] stranded, 26-16 AWG
[0.12-1.4 mm2] solid
Lead Lengths—3-90 [76.2-2 286],
90-1 000 [2 286-25 400] with long lead
conveyors
For more information, request Catalog
124324.
AMPOMATOR CLS IV+
Lead-Making Machines,
356500-1, -2
The AMPOMATOR System III
Leadmaker is designed for
the demands of low-volume/
high-mix manufacturing and
precision quality. This lead-
maker combines the best wire
processing capabilities with
new technologies in terminal
feeding and machine set-up
found in the System III
Applicator to offer significant
advantages for higher through-
put and efficiencies.
Request Catalog 1654956-5.
AMPOMATOR System III
Leadmaker
The new, versatile EDGE appli-
cator counter tracks wearable
tool usage for the most effec-
tive maintenance planning. The
completely electronic counter,
with clear LCD display, indi-
cates cycles since installation.
By performing maintenance at
measured intervals with pre-set
limits, operators avoid break-
downs and rejects caused by
tool wear or mis-adjustment.
For more information, request Catalog
1773385.
The System III Applicator
introduces several new
technologies into the applicator
including a precision servo-
electric motorized feeding
system, a built-in data module
for storing terminal crimp and
set-up information, a precision
fit round ram, and a newly
designed terminal depressor.
It still utilizes the proven quality
of the HD-M crimper and
anvil tooling.
System III Applicator


Similar Part No. - 3-1376392-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376392-4 MACOM-3-1376392-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376392-4 MACOM-3-1376392-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376392-4 MACOM-3-1376392-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376392-4 MACOM-3-1376392-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376392-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com