Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3051-M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MOC3051-M
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3051-M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MOC3051-M Datasheet HTML 1Page - Fairchild Semiconductor MOC3051-M Datasheet HTML 2Page - Fairchild Semiconductor MOC3051-M Datasheet HTML 3Page - Fairchild Semiconductor MOC3051-M Datasheet HTML 4Page - Fairchild Semiconductor MOC3051-M Datasheet HTML 5Page - Fairchild Semiconductor MOC3051-M Datasheet HTML 6Page - Fairchild Semiconductor MOC3051-M Datasheet HTML 7Page - Fairchild Semiconductor MOC3051-M Datasheet HTML 8Page - Fairchild Semiconductor MOC3051-M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
6/15/05
Page 2 of 11
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVERS
(600 VOLT PEAK)
MOC3051-M
MOC3052-M
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Parameters
Symbol
Device
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
All
-40 to +150
°C
Operating Temperature
TOPR
All
-40 to +85
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
Junction Temperature Range
TJ
All
-40 to +100
°C
Isolation Surge Voltage(3) (peak AC voltage, 60Hz, 1 sec duration)
VISO
All
7500
Vac(pk)
Total Device Power Dissipation @ 25°C
PD
All
330
mW
Derate above 25°C
4.4
mW/°C
EMITTER
Continuous Forward Current
IF
All
60
mA
Reverse Voltage
VR
All
3
V
Total Power Dissipation 25°C Ambient
PD
All
100
mW
Derate above 25°C
1.33
mW/°C
DETECTOR
Off-State Output Terminal Voltage
VDRM
All
600
V
Peak Repetitive Surge Current (PW = 100 ms, 120 pps)
ITSM
All
1
A
Total Power Dissipation @ 25°C Ambient
PD
All
300
mW
Derate above 25°C
4
mW/°C


Similar Part No. - MOC3051-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3051-M FAIRCHILD-MOC3051-M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
More results

Similar Description - MOC3051-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
ON Semiconductor
MOC3051M ONSEMI-MOC3051M Datasheet
420Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
May, 2019 ??Rev. 3
MOC3051M ONSEMI-MOC3051M_V01 Datasheet
400Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 4
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com