Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC212-M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MOC212-M
Description  SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC212-M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOC212-M Datasheet HTML 1Page - Fairchild Semiconductor MOC212-M Datasheet HTML 2Page - Fairchild Semiconductor MOC212-M Datasheet HTML 3Page - Fairchild Semiconductor MOC212-M Datasheet HTML 4Page - Fairchild Semiconductor MOC212-M Datasheet HTML 5Page - Fairchild Semiconductor MOC212-M Datasheet HTML 6Page - Fairchild Semiconductor MOC212-M Datasheet HTML 7Page - Fairchild Semiconductor MOC212-M Datasheet HTML 8Page - Fairchild Semiconductor MOC212-M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4/10/03
SMALL OUTLINE OPTOCOUPLERS
TRANSISTOR OUTPUT
Page 1 of 9
© 2002 Fairchild Semiconductor Corporation
MOC211-M
MOC212-M
MOC213-M
DESCRIPTION
These devices consist of a gallium arsenide infrared emitting diode optically coupled to a
monolithic silicon phototransistor detector, in a surface mountable, small outline, plastic
package. They are ideally suited for high density applications, and eliminate the need for
through-the-board mounting.
FEATURES
• UL Recognized (File #E90700, volume 2)
• VDE Recognized (File #136616) (add option ‘V’ for VDE approval, e.g., MOC211V-M)
• Convenient Plastic SOIC-8 Surface Mountable Package Style
• Standard SOIC-8 Footprint, with 0.050" Lead Spacing
• Compatible with Dual Wave, Vapor Phase and IR Reflow Soldering
• High Input-Output Isolation of 2500 VAC(rms) Guaranteed
• Minimum BVCEO of 30V guaranteed
APPLICATIONS
• General Purpose Switching Circuits
• Interfacing and coupling systems of different potentials and impedances
• Regulation Feedback Circuits
• Monitor and Detection Circuits
BASE
N/C
ANODE
CATHODE
1
2
3
4
5
6
7
8
EMITTER
COLLECTOR
N/C
N/C


Similar Part No. - MOC212-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC212-M FAIRCHILD-MOC212-M Datasheet
515Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
More results

Similar Description - MOC212-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC207M FAIRCHILD-MOC207M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC211-M FAIRCHILD-MOC211-M Datasheet
515Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205 FAIRCHILD-MOC205 Datasheet
520Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205-M FAIRCHILD-MOC205-M Datasheet
518Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC207R1M FAIRCHILD-MOC207R1M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC207R2M FAIRCHILD-MOC207R2M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC223 FAIRCHILD-MOC223 Datasheet
361Kb / 7P
   SMALL OUTLINE OPTOCOUPLERS DARLINGTON OUTPUT
MOC223-M FAIRCHILD-MOC223-M Datasheet
503Kb / 9P
   Small Outline Optocouplers Darlington Output
MOC213R2M FAIRCHILD-MOC213R2M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
MOC212M FAIRCHILD-MOC212M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com