Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5577 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA5577
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
Download  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5577 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA5577 Datasheet HTML 7Page - ATMEL Corporation ATA5577 Datasheet HTML 8Page - ATMEL Corporation ATA5577 Datasheet HTML 9Page - ATMEL Corporation ATA5577 Datasheet HTML 10Page - ATMEL Corporation ATA5577 Datasheet HTML 11Page - ATMEL Corporation ATA5577 Datasheet HTML 12Page - ATMEL Corporation ATA5577 Datasheet HTML 13Page - ATMEL Corporation ATA5577 Datasheet HTML 14Page - ATMEL Corporation ATA5577 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 294 page
background image
11
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
2.
AVR CPU Core
2.1
Overview
This section discusses the Atmel
® AVR® core architecture in general. The main function of the
CPU core is to ensure correct program execution. The CPU must therefore be able to access
memories, perform calculations, control peripherals, and handle interrupts.
Figure 2-1.
Block Diagram of the Atmel AVR Architecture
In order to maximize performance and parallelism, the Atmel AVR uses a Harvard architecture
– with separate memories and buses for program and data. Instructions in the Program mem-
ory are executed with a single level pipelining. While one instruction is being executed, the
next instruction is pre-fetched from the Program memory. This concept enables instructions to
be executed in every clock cycle. The Program memory is In-System Reprogrammable Flash
memory. The fast-access Register File contains 32 x 8-bit general purpose working registers
with a single clock cycle access time. This allows single-cycle Arithmetic Logic Unit (ALU)
operation. In a typical ALU operation, two operands are output from the Register File, the
operation is executed, and the result is stored back in the Register File – in one clock cycle.
Flash
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registrers
ALU
Status
and Control
EEPROM
Data Bus 8-bit
I/O Lines
Data
SRAM
I/O Module 2
Analog
Comparator
I/O Module1
Watchdog
Timer
I/O Module n
Interrupt
Unit
A.D.C.


Similar Part No. - ATA5577

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5577 ATMEL-ATA5577 Datasheet
204Kb / 8P
   Read/Write LF RFID IDIC 100 to 150 kHz
ATA5577 ATMEL-ATA5577 Datasheet
209Kb / 8P
   Contactless Power Supply Contactless Read/Write Data Transmission
ATA5577C ATMEL-ATA5577C Datasheet
1Mb / 47P
   Read/Write LF RFID IDIC 100 to 150kHz
ATA5577C ATMEL-ATA5577C_14 Datasheet
1Mb / 47P
   Read/Write LF RFID IDIC 100 to 150kHz
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
More results

Similar Description - ATA5577

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48 ATMEL-ATMEGA48_11 Datasheet
8Mb / 377P
   High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture
ATMEGA8 ATMEL-ATMEGA8_13 Datasheet
6Mb / 331P
   High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
694Kb / 26P
   High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com