Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


6-103979-0 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 6-103979-0
Description  Wire-to-Board, .100 [2.54] Centerline Products
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 2 page
background image
89
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Board-to-Board Solutions Guide, .100 [2.54] Centerline Products
AMPMODU Interconnection System
5
Customer Requirement
Tyco Electronics' Potential Solution
Catalog Page(s)
Mod IV Polarized Housing
220
Application Requires
MTE Latched Receptacle and Header
230, 231, 244-250
Guidance, Polarization
MT with Polarizing Covers
256-258
Short Point Polarized Housing
224
Wire-to-Wire Application
Mod IV Receptacle Contacts and Pins
211-213
Wire-to-Wire Application (Latched)
MTE Latched Receptacle and Shrouded Pin Assembly
230, 231, 236, 237
Wire-to-Wire Application (Through Panel)
MTE Panel Mount
242
High Vibration and Shock Applications
Locking Clip Contacts and Housings
207-209
Printed Circuit Board Polarization
MTE Header with PC Board Orientation Peg
248, 249
Board Requires Surface Mount Capability
MTE Surface Mount Headers
251, 252
MTE High Temperature Compatible Headers
249, 250
Need to mate to
Mod IV Ejection Housing
220
AMP-LATCH Eject Headers
Need to Minimize Strain to Cable
MT with Eject Covers
256-259
Mod IV Housing with Strain Relief
218, 219
Application Requires
Locking Clip Contacts
207, 298
Self-Retaining Contacts
Header Secured to Board
MTE Headers with Post Retention or Holddowns
244-250
During/Prior to Soldering
Mate to Unshrouded Header
Mod IV plain Housing with Mod V Contacts
213, 214, 216
with Retention Requirements
MTE with High Pressure Contacts
234, 235
Multiple Cables to be
MTE Coupling Shroud, Double- or Single-Row
240, 241
Common to One Header
Right-Angle Cable Dress
MT with Hermaphroditic Covers
229, 256, 257, 259
Application Requires Crimp
Short Point Contacts
222
Contacts and MTE Housings
Housings and End-to-End and
Short Point Double-Row Housing,
223, 228, 229
Side-to-Side Stackable
MTE Plain Housing
Connector Must Mate to
Short Point Contacts
222
Post Lengths of .169 [4.29] Min.
Wire-to-Board Solutions Guide, .100 [2.54] Centerline Products
Single-Row
Single-Row
Double-Row
Double-Row
Problem or Concern
Tyco Electronics'
Vertical Headers
Right-Angle Headers,
Vertical Headers
Right-Angle Headers,
Potential Solution
and Receptacles
Horizontal Receptacles
and Receptacles
Horizontal Receptacles
(Page Ref.)
(Page Ref.)
(Page Ref.)
(Page Ref.)
Headers Float Off Board
HEADERS Retention Feature:
Soldering Operation
Unshrouded
102
103
198
199
Shrouded
104, 199
105, 200
Header Contacts Damaged
Shrouded HEADERS:
During Manufacturing
Standard Profile
115
116
117-121
122-128
Operation or In-Field Use
Press-Fit ACTION PIN POST
HEADERS:
Unshrouded
146
147
Shrouded
148, 149, 199
Machine Applied
163, 164
Posts
Board/Backplane Requires
Surface-Mount Compatible Thru-Hole:
High Temperature Surface-
HEADERS:
Mount Compatibility
Unshrouded
102*
103*
104*
105*
Shrouded
130*, 137*
138*
(Low Profile)
RECEPTACLES
196*
195*
Surface-Mount:
HEADERS
109*
110
RECEPTACLES
187, 188
172
189-192
173
Application Requires Board
Two-Piece Family: w/Guide Posts:
Guidance, Polarization and/or
HEADERS
198, 199
200
Blind-Mate Capability
RECEPTACLES
196*
195*
Mod IV Low Profile
RECEPTACLES:
Reduction in Parallel
TOP ENTRY:
Board-to-Board Stack Height
Thru-Hole
178
179, 180*
Necessary (Refer to Parallel
Surface-Mount
Stack Guide on Page 62.)
BOTTOM ENTRY:
Thru-Hole
177
Surface-Mount
DUAL ENTRY
Thru-Hole
181
182-184
Surface Mount
187, 188
189-192
Soldering Problems with
RECEPTACLES:
Thru-Hole Bottom Entry
Bottom Entry
Receptacles (Must Mask
Outrigger
181
182
Post Holes in Board During
(Separate Holes for
Soldering Operation)
Receptacle Leads
and Mating Leads)
End-to-End Stackable:
HEADERS (Unshrouded):
Application Requires
Thru-Hole
93, 102
94, 95, 103*
96, 97, 104*
98. 99. 105
Connectors to be End-to-End
Thru-Hole*
102*
103*
104*
108*
Stackable on .100 [2.54] Grid
Surface-Mount
109*
110*
RECEPTACLES:
Thru-Hole
175, 177, 178, 181
169*
176, 179, 180*, 182*, 183, 184
170
Surface Mount
188
172
191, 192
173
*High temperature compatible version, refer to page ref. listed.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl