Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1462037-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1462037-4
Description  IM Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1462037-4 Datasheet(HTML) 1 Page - Tyco Electronics

  1462037-4 Datasheet HTML 1Page - Tyco Electronics 1462037-4 Datasheet HTML 2Page - Tyco Electronics 1462037-4 Datasheet HTML 3Page - Tyco Electronics 1462037-4 Datasheet HTML 4Page - Tyco Electronics 1462037-4 Datasheet HTML 5Page - Tyco Electronics 1462037-4 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
07-2013, Rev. 0713
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
Signal Relays
IM Relay
n
Slim line 10x6mm, low profile 5.65mm and min. board-space 60mm2
n
Switching current 2/5A, switching power 60W/62.5VA and
switching voltage 220VDC/250VAC
n
Low coil power consumption,
140mW standard, 100mW for high sensitive version, 50mW for ultra
high sensitive version and 100mW for bistable version
n
High dielectric and surge capability up to 2500Vrms between open
contacts and 2500Vrms between coil and contacts
n
High mechanical shock resistance up to 50g functional
Typical applications
Telecommunication, access and transmission equipment, optical network
terminals, modems, office and business equipment, consumer electronics,
measurement and test equipment, industrial control, medical equipment,
automotive applications
Approvals
UL 508 File No. E 111441
Technical data of approved types on request
Contact Data
standard, C
D
P
standard and
high
high contact
high dielectric
current
stability
version
version
version
Contact arrangement
2 form C, 2 CO
Max. switching voltage
220VDC,
220VDC,
220VDC,
250VAC
250VAC
250VAC
Rated current
2A
5A
2A
Limiting continuous current
2A
5A
2A
Switching power
60W, 62.5VA
Contact material
PdRu
AgNi
PdRu
+Au
+Au
+Au
covered
covered
covered
Contact style
twin contacts
Minimum switching voltage
100µV
Initial contact resistance
<50mΩ at 10mA/30mV
Thermoelectric potential
<10µV
Operate time
typ. 1ms, max. 3ms
Release time
without diode in parallel
typ. 1ms, max. 3ms
with diode in parallel
typ. 3ms, max. 5ms
Bounce time max.
typ. 1ms, max. 5ms
Contact Data (continued)
Electrical endurance
at contact application 0
(≤30mV/≤10mA)
min. 2.5x106 operations
cable load open end
min. 2.0x106 operations
resistive, 125VDC / 0.24A - 30W
min. 5x105 operations
resistive, 220 VDC / 0.27A - 60W
min. 1x105 operations
resistive, 250VAC / 0.25A - 62.5VA
min. 1x105 operations
resistive, 30VDC / 1A - 30W
min. 5x105 operations
resistive, 30VDC / 2A - 60W
min. 1x105 operations
UL contact rating
30VDC, 2A, 60W, NO only
110VDC, 0.3A, 33W
220VDC, 0.27A, 60W
125VAC, 0.5A, 62.5W
250VAC, 0.25A, 62.5W
Mechanical endurance
108 operations
Coil Data
Magnetic system
monostable, bistable
Coil voltage range
1.5 to 24VDC
Coil versions, standard version, monostable, 1 coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
00
1.5
1.13
0.15
16
140
08
2.4
1.80
0.24
41
140
01
3
2.25
0.30
64
140
02
4.5
3.38
0.45
145
140
03
5
3.75
0.50
178
140
04
6
4.50
0.60
257
140
05
9
6.75
0.90
579
140
06
12
9.00
1.20
1029
140
07
24
18.00
2.40
2880
200
All figures are given for coil without pre-energization, at ambient temperature +23°C
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
21 of 28
AXICOMÊSignalÊRelays
IM Relay
Contact Data
IM-A
IM-B
IM-C
IM-D
IM-E
Number of contacts and type
1ÊPoleÊbreak
1ÊPoleÊmake
1ÊPoleÊÊ
changeover
2ÊPoleÊbreak
2ÊPoleÊmake
Contact assembly
BifurcatedÊcontacts
Contact material
Palladium-ruthenium,Êgold-covered
Limiting continuous current
at max. ambient temperature
2ÊA2ÊA
4ÊA2ÊA
2ÊA
Maximum switching current
2ÊA
2ÊA
3ÊA
2ÊA
2ÊA
Maximum swichting voltage
220ÊVdc
250ÊVac
Maximum switching capacity
60ÊW,Ê62.5ÊVA
Thermoelectric potential
<Ê10ʵV
Minimum switching voltage
100ʵV
Initial contact resistance /
measuring condition: 10 mA / 20 mV
< 100 m
< 100 m
NO < 100 m
< 50 m
< 50 m
Electrical
CC0 Contact category 0
endurance
(≤ 30 mV / ≥ 10 mA)
cable load open end
Resistive load
at 125 Vdc / 0.24 A - 30 W
at 220 Vdc / 0.27 A - 60 W
at 250 Vac / 0.25 A - 62.5
VA
at 30 Vdc / 1 A - 30 W
at 30 Vdc / 2 A - 60 W
min.Ê2.5ÊxÊ106Êoperations
min.Ê2.0ÊxÊ106Êoperations
min.Ê5ÊxÊ105Êoperations
min.Ê1ÊxÊ105Êoperations
min.Ê1ÊxÊ105Êoperations
min.Ê5ÊxÊ105Êoperations
min.Ê1ÊxÊ105Êoperations
Mechanical endurance
typ.Ê108Êoperations
UL contact ratings
220 Vdc / 0.24 A - 60 W
125 Vdc / 0.24 A - 30 W
250 Vac / 0.25 A - 62.5 VA
125 Vac / 0.5 A - 62.5 VA
30 Vdc / 2 A - 60 W
Max. DC Load Breaking Capacity
DC current [A]
resistive load
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
24 of 28
AXICOMÊSignalÊRelays
IM Relay
Coil Operating Range
Unom
=
Nominal coil voltage
Umax.
=
Upper limit of the operative range of
the coil voltage (limiting voltage) when
coils are continously energized
Uop. min.
=
Lower limit of the operative range of
the coil voltage (reliable operate voltage)
For latching relays Uset min. resp.
Ureset min.
Urel. min.
=
Lower limit of the operative range of
the coil voltage (reliable release voltage)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50-40 -30-20 -100
10
20
30
40
50
60
70
80
90 10 01 10 12 0
Umax. at 0A
Umax. at 2x2A
Umax. at 2x1A
Unom. nominal coil voltage
Ambient Temperature [°C]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50 -40 -30 -20 -10
0102030405060708090 100 110 120
Ambient Temperature [°C]
Umax. at 0A
Umax. at 2x2A
Umax. at 2x1A
Unom. nominal coil voltage
Urel. min.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50-40 -30-20 -100
10 20 30 40 50 60 70 80 90 100 110 120 130 140
Ambient Temperature [°C]
Umax. - 5%coil
duty at
2x2A (100mW)
Umax.-5%coil
duty at 0A(100mW)
Umax.-5%coil
duty at 0A (200mW)
Umax. -5% coil
duty at 2x1A (100mW)
Unom. nominal coil voltage
Umax. at 0A
140mW coil
200mW coil
Urel. min.
50mW coil
100mW coil
Uop min.
Umax. at 0A
Umax. - 100% coil duty at
0A (100mW)
Umax. - 100% coil duty at
0A (200mW)
Uset min.
100 mW Latching
200 mW Latching
Coil operating range, standard version
Max. DC load breaking capacity
U
IM_


Similar Part No. - 1462037-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1462035-9 TEC-1462035-9 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
Tyco Electronics
1462038-2 MACOM-1462038-2 Datasheet
236Kb / 6P
   IM-Relay
1462038-3 MACOM-1462038-3 Datasheet
236Kb / 6P
   IM-Relay
1462039-1 MACOM-1462039-1 Datasheet
236Kb / 6P
   IM-Relay
1462039-2 MACOM-1462039-2 Datasheet
236Kb / 6P
   IM-Relay
More results

Similar Description - 1462037-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
IM48GR MACOM-IM48GR Datasheet
236Kb / 6P
   IM-Relay
logo
TE Connectivity Ltd
ENG_CD_1462037-1_C2 TEC-ENG_CD_1462037-1_C2 Datasheet
432Kb / 6P
   IM-Relay Marking
logo
Tyco Electronics
1486937 MACOM-1486937 Datasheet
23Kb / 1P
   IM Relay SMT Gull Wings Dimension
logo
PIC GmbH
MS-328-5 PIC-MS-328-5_14 Datasheet
233Kb / 2P
   Netzspannungs-Reedsensor im
MS-332-6 PIC-MS-332-6_14 Datasheet
344Kb / 2P
   Leistungs-Reedsensor im
MS-332-5 PIC-MS-332-5_14 Datasheet
343Kb / 2P
   Netzspannungs-Reedsensor im
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
   Im-Series Adapters
logo
PIC GmbH
MS-313-3 PIC-MS-313-3 Datasheet
158Kb / 2P
   Weltkleinster Reedsensor im
MS-328-3 PIC-MS-328-3_14 Datasheet
233Kb / 2P
   Standard-Reedsensor im
MS-328-6 PIC-MS-328-6_14 Datasheet
233Kb / 2P
   Leistungs-Reedsensor im
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com