Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ200CA Datasheet(PDF) 3 Page - Formosa MS

Part # SMAJ200CA
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMAJ200CA Datasheet(HTML) 3 Page - Formosa MS

  SMAJ200CA Datasheet HTML 1Page - Formosa MS SMAJ200CA Datasheet HTML 2Page - Formosa MS SMAJ200CA Datasheet HTML 3Page - Formosa MS SMAJ200CA Datasheet HTML 4Page - Formosa MS SMAJ200CA Datasheet HTML 5Page - Formosa MS SMAJ200CA Datasheet HTML 6Page - Formosa MS SMAJ200CA Datasheet HTML 7Page - Formosa MS SMAJ200CA Datasheet HTML 8Page - Formosa MS SMAJ200CA Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image



 
!
! "#8$%&'(()'*(''+
,
^_`a_bcef
ghiklmnop
qnrstu
r
mvqgwxxlqootl
yz{|y~
€
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMAJ5.0
SMAJ5.0C
HD
TD
5.0
6.40
7.55
10.0
9.6
41.7
800.0
SMAJ5.0A
SMAJ5.0CA
HE
TE
5.0
6.40
7.25
10.0
9.2
43.5
800.0
SMAJ6.0
SMAJ6.0C
HF
TF
6.0
6.67
8.45
10.0
11.4
35.1
800.0
SMAJ6.0A
SMAJ6.0CA
HG
TG
6.0
6.67
7.67
10.0
10.3
38.8
800.0
SMAJ6.5
SMAJ6.5C
HH
TH
6.5
7.22
9.14
10.0
12.3
32.5
500.0
SMAJ6.5A
SMAJ6.5CA
HK
TK
6.5
7.22
8.30
10.0
11.2
35.7
500.0
SMAJ7.0
SMAJ7.0C
HL
TL
7.0
7.78
9.86
10.0
13.3
30.1
200.0
SMAJ7.0A
SMAJ7.0CA
HM
TM
7.0
7.78
8.95
10.0
12.0
33.3
200.0
SMAJ7.5
SMAJ7.5C
HN
TN
7.5
8.33
10.67
1.0
14.3
28.0
100.0
SMAJ7.5A
SMAJ7.5CA
HP
TP
7.5
8.33
9.58
1.0
12.9
31.0
100.0
SMAJ8.0
SMAJ8.0C
HQ
TQ
8.0
8.89
11.3
1.0
15.0
26.7
50.0
SMAJ8.0A
SMAJ8.0CA
HR
TR
8.0
8.89
10.23
1.0
13.6
29.4
50.0
SMAJ8.5
SMAJ8.5C
HS
TS
8.5
9.44
11.92
1.0
15.9
25.2
20.0
SMAJ8.5A
SMAJ8.5CA
HT
TT
8.5
9.44
10.82
1.0
14.4
27.8
20.0
SMAJ9.0
SMAJ9.0C
HU
TU
9.0
10.0
12.6
1.0
16.9
23.7
10.0
SMAJ9.0A
SMAJ9.0CA
HV
TV
9.0
10.0
11.5
1.0
15.4
26.0
10.0
SMAJ10
SMAJ10C
HW
TW
10
11.1
14.1
1.0
18.8
21.3
5.0
SMAJ10A
SMAJ10CA
HX
TX
10
11.1
12.8
1.0
17.0
23.5
5.0
SMAJ11
SMAJ11C
HY
TY
11
12.2
15.4
1.0
20.1
19.9
5.0
SMAJ11A
SMAJ11CA
HZ
TZ
11
12.2
14.0
1.0
18.2
22.0
5.0
SMAJ12
SMAJ12C
ID
UD
12
13.3
16.9
1.0
22.0
18.2
5.0
SMAJ12A
SMAJ12CA
IE
UE
12
13.3
15.3
1.0
19.9
20.1
5.0
SMAJ13
SMAJ13C
IF
UF
13
14.4
18.2
1.0
23.8
16.8
5.0
SMAJ13A
SMAJ13CA
IG
UG
13
14.4
16.5
1.0
21.5
18.6
5.0
SMAJ14
SMAJ14C
IH
UH
14
15.6
19.8
1.0
25.8
15.5
5.0
SMAJ14A
SMAJ14CA
IK
UK
14
15.6
17.9
1.0
23.2
17.2
5.0
SMAJ15
SMAJ15C
IL
UL
15
16.7
21.1
1.0
26.9
14.9
5.0
SMAJ15A
SMAJ15CA
IM
UM
15
16.7
19.2
1.0
24.4
16.4
5.0
SMAJ16
SMAJ16C
IN
UN
16
17.8
22.6
1.0
28.8
13.9
5.0
SMAJ16A
SMAJ16CA
IP
UP
16
17.8
20.5
1.0
26.0
15.4
5.0
SMAJ17
SMAJ17C
IQ
UQ
17
18.9
23.9
1.0
30.5
13.1
5.0
SMAJ17A
SMAJ17CA
IR
UR
17
18.9
21.7
1.0
27.6
14.5
5.0
SMAJ18
SMAJ18C
IS
US
18
20.0
25.3
1.0
32.2
12.4
5.0
SMAJ18A
SMAJ18CA
IT
UT
18
20.0
23.3
1.0
29.2
13.7
5.0
SMAJ20
SMAJ20C
IU
UU
20
22.2
28.1
1.0
35.8
11.2
5.0
SMAJ20A
SMAJ20CA
IV
UV
20
22.2
25.5
1.0
32.4
12.3
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Page 3
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Similar Part No. - SMAJ200CA

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
SMAJ200CA HUAXINAN-SMAJ200CA Datasheet
469Kb / 6P
   400W Transient Voltage Suppressors
logo
Littelfuse
SMAJ200CA LITTELFUSE-SMAJ200CA Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Diodes Incorporated
SMAJ200CA DIODES-SMAJ200CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMAJ200CA YANGJIE-SMAJ200CA Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
SHIKUES Electronics
SMAJ200CA SKTECHNOLGY-SMAJ200CA Datasheet
401Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
More results

Similar Description - SMAJ200CA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com