Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


5-103944-4 Datasheet(PDF) 6 Page - Tyco Electronics

Part No. 5-103944-4
Description  AMPMODU MTE Interconnect System
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 6 page
background image
FOR MORE inFORMATiOn
TE Technical Support Center
USA:
+1 (800) 522-6752
Canada:
+1 (905) 475-6222
Mexico
+52 (0) 55-1106-0800
Latin/S. America:
+54 (0) 11-4733-2200
Germany:
+49 (0) 6251-133-1999
UK:
+44 (0) 800-267666
France:
+33 (0) 1-3420-8686
Netherlands:
+31 (0) 73-6246-999
China:
+86 (0) 400-820-6015
Part numbers in this brochure are RoHS Compliant*, unless marked otherwise.
*as defined www.te.com/leadfree
te.com
© 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved.
4-1773458-0 CIS LUG FP 1M 03/2011
AMPMODU, TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks. Other logos, product and/or
company names might be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this brochure, TE does not guarantee that it is
error-free, nor does TE make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current.
TE reserves the right to make any adjustments to the information contained herein at any time without notice. TE expressly disclaims all
implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or
fitness for a particular purpose. The dimensions in this catalog are for reference purposes only and are subject to change without notice.
Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications.
What are the current rating (amps) and voltage requirements of
AMPMODU MTE connectors?
3 amps for a single contact in free air, 267 V (operating voltage)
What type and size requirements?
#22-#30 AWG range for IDC configurations; #20-#32 AWG for crimp
snap-in replacement contacts
What are the number of postions needed?
2-25 positions, double row coupling shrouds allow 8-50 position
configurations
Questions that will help you better select the product that you need:
Available space?
.100 centerline and .100 x .100 centerline (coupling shrouds mating to
PCB headers)
Configuration/orientation?
right angle, vertical, single/double row
Operating temperature requirements?
Will accommodate -65˚C to +105˚C range
Environmental Considerations?
Refer to TE product specifications 108-25034,
108-25034-2 (MTE surface mount product), 108-1472 and 108-1472-1
(Short Point)




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl