Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-87220-6 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1-87220-6
Description  AMPMODU Headers and Receptacles
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87220-6 Datasheet(HTML) 1 Page - Tyco Electronics

  1-87220-6 Datasheet HTML 1Page - Tyco Electronics 1-87220-6 Datasheet HTML 2Page - Tyco Electronics 1-87220-6 Datasheet HTML 3Page - Tyco Electronics 1-87220-6 Datasheet HTML 4Page - Tyco Electronics 1-87220-6 Datasheet HTML 5Page - Tyco Electronics 1-87220-6 Datasheet HTML 6Page - Tyco Electronics 1-87220-6 Datasheet HTML 7Page - Tyco Electronics 1-87220-6 Datasheet HTML 8Page - Tyco Electronics 1-87220-6 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
85
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU .025 [0.64] Square Interconnection System
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
AMPMODU Headers and Receptacles, .100 [2.54] Centerline
102699-4
DR AP
5-103168-3
DR VT
87605-1
Bulkhead
Header
6-146490-5
DR Stacking
Header
5-103164-3
3/4 DR RA
5-103166-3
DR RA
103577-3
6-534237-8
SR Top Entry
6-535541-0
SR Top Entry
87220-8
SR VT
6-146281-0
SR VT BA
6-146293-0
SR VT-RET BA
87227-5
DR VT
103336-5
SR AP
103542-9
DR AP
87230-6
DR RA
87232-9
SR RA
Legend:
SR
Single Row
DR
Double Row
VT
Vertical
RA
Right Angle
RET
Retention Feature
AP
ACTION PIN
BE
Bottom Entry
3/4
3-Sided-Shrouded Header
BA
Breakaway
TR
Triple Row
SMT
Surface Mount
HORZ Horizontal
DE
Dual Entry
5-103414-8
SR VT
5-102203-7
SR RA
6-146257-0
DR VT BA
7-146268-5
DR VT-RET BA
6-534206-0
DR Top Entry
6-534998-3
DR Top Entry
5-87879-7
SR Bottom Entry
534267-1
DR Outrigger DE
5535676-9
SR HORZ
5535512-1
DR HORZ
5-146427-5
DR RA-RET BA
6-146306-0
SR RA-RET BA
5-146304-6
SR RA
6-146308-0
DR RA BA
For drawings, technical data or samples, contact your Tyco Electronics sales engineer or call the Tyco Electronics Product Information Center: 1-800-522-6752


Similar Part No. - 1-87220-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-87220-6 MACOM-1-87220-6 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
1-87220-6 MACOM-1-87220-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
1-87220-6 MACOM-1-87220-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
1-87220-6 MACOM-1-87220-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

Similar Description - 1-87220-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
logo
MolexKits
76650-0230 MOLEXKITS-76650-0230 Datasheet
20Kb / 3P
   Receptacles, Vertical Headers
logo
Tyco Electronics
281838-4 MACOM-281838-4 Datasheet
598Kb / 1P
   100 AMPMODU Headers, Housing Contacts
826469-3 MACOM-826469-3 Datasheet
209Kb / 2P
   AMPMODU II / AMPMODU IV
logo
Ironwood Electronics.
CA-QFE32SA-M-N-T-01 IRONWOOD-CA-QFE32SA-M-N-T-01 Datasheet
166Kb / 1P
   Emulator Adaptor 32 position headers (0.100" centers) to 32 position receptacles.
logo
Tyco Electronics
5-146288-3 MACOM-5-146288-3 Datasheet
135Kb / 2P
   Breakaway and Retention Headers?봘nshrouded
logo
Mill-Max Mfg. Corp.
162 MILL-MAX-162 Datasheet
190Kb / 1P
   DUAL-IN-LINE HEADERS Shrink DIP Headers and Strips Solder Tail
logo
List of Unclassifed Man...
PK2-050B04 ETC2-PK2-050B04 Datasheet
1Mb / 12P
   Rugged and Sealed Plugs and Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com