Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY25V-10SSNR Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATTINY25V-10SSNR
Description  Atmel 8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY25V-10SSNR Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATTINY25V-10SSNR Datasheet HTML 5Page - ATMEL Corporation ATTINY25V-10SSNR Datasheet HTML 6Page - ATMEL Corporation ATTINY25V-10SSNR Datasheet HTML 7Page - ATMEL Corporation ATTINY25V-10SSNR Datasheet HTML 8Page - ATMEL Corporation ATTINY25V-10SSNR Datasheet HTML 9Page - ATMEL Corporation ATTINY25V-10SSNR Datasheet HTML 10Page - ATMEL Corporation ATTINY25V-10SSNR Datasheet HTML 11Page - ATMEL Corporation ATTINY25V-10SSNR Datasheet HTML 12Page - ATMEL Corporation ATTINY25V-10SSNR Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
ATtiny25/45/85 [DATASHEET]
2586PS–AVR–06/2013
5.
Instruction Set Summary
Mnemonics
Operands
Description
Operation
Flags
#Clocks
ARITHMETIC AND LOGIC INSTRUCTIONS
ADD
Rd, Rr
Add two Registers
Rd
 Rd + Rr
Z,C,N,V,H
1
ADC
Rd, Rr
Add with Carry two Registers
Rd
 Rd + Rr + C
Z,C,N,V,H
1
ADIW
Rdl,K
Add Immediate to Word
Rdh:Rdl
 Rdh:Rdl + K
Z,C,N,V,S
2
SUB
Rd, Rr
Subtract two Registers
Rd
 Rd - Rr
Z,C,N,V,H
1
SUBI
Rd, K
Subtract Constant from Register
Rd
 Rd - K
Z,C,N,V,H
1
SBC
Rd, Rr
Subtract with Carry two Registers
Rd
 Rd - Rr - C
Z,C,N,V,H
1
SBCI
Rd, K
Subtract with Carry Constant from Reg.
Rd
 Rd - K - C
Z,C,N,V,H
1
SBIW
Rdl,K
Subtract Immediate from Word
Rdh:Rdl
 Rdh:Rdl - K
Z,C,N,V,S
2
AND
Rd, Rr
Logical AND Registers
Rd
Rd  Rr
Z,N,V
1
ANDI
Rd, K
Logical AND Register and Constant
Rd
 Rd K
Z,N,V
1
OR
Rd, Rr
Logical OR Registers
Rd
 Rd v Rr
Z,N,V
1
ORI
Rd, K
Logical OR Register and Constant
Rd
Rd v K
Z,N,V
1
EOR
Rd, Rr
Exclusive OR Registers
Rd
 Rd  Rr
Z,N,V
1
COM
Rd
One’s Complement
Rd
 0xFF  Rd
Z,C,N,V
1
NEG
Rd
Two’s Complement
Rd
 0x00  Rd
Z,C,N,V,H
1
SBR
Rd,K
Set Bit(s) in Register
Rd
 Rd v K
Z,N,V
1
CBR
Rd,K
Clear Bit(s) in Register
Rd
 Rd  (0xFF - K)
Z,N,V
1
INC
Rd
Increment
Rd
 Rd + 1
Z,N,V
1
DEC
Rd
Decrement
Rd
 Rd  1
Z,N,V
1
TST
Rd
Test for Zero or Minus
Rd
 Rd  Rd
Z,N,V
1
CLR
Rd
Clear Register
Rd
 Rd  Rd
Z,N,V
1
SER
Rd
Set Register
Rd
 0xFF
None
1
BRANCH INSTRUCTIONS
RJMP
k
Relative Jump
PC
 PC + k + 1
None
2
IJMP
Indirect Jump to (Z)
PC
 Z
None
2
RCALL
k
Relative Subroutine Call
PC
 PC + k + 1
None
3
ICALL
Indirect Call to (Z)
PC
 ZNone
3
RET
Subroutine Return
PC
 STACK
None
4
RETI
Interrupt Return
PC
 STACK
I
4
CPSE
Rd,Rr
Compare, Skip if Equal
if (Rd = Rr) PC
 PC + 2 or 3
None
1/2/3
CP
Rd,Rr
Compare
Rd
 Rr
Z, N,V,C,H
1
CPC
Rd,Rr
Compare with Carry
Rd
 Rr  C
Z, N,V,C,H
1
CPI
Rd,K
Compare Register with Immediate
Rd
 K
Z, N,V,C,H
1
SBRC
Rr, b
Skip if Bit in Register Cleared
if (Rr(b)=0) PC
 PC + 2 or 3
None
1/2/3
SBRS
Rr, b
Skip if Bit in Register is Set
if (Rr(b)=1) PC
 PC + 2 or 3
None
1/2/3
SBIC
P, b
Skip if Bit in I/O Register Cleared
if (P(b)=0) PC
 PC + 2 or 3
None
1/2/3
SBIS
P, b
Skip if Bit in I/O Register is Set
if (P(b)=1) PC
 PC + 2 or 3
None
1/2/3
BRBS
s, k
Branch if Status Flag Set
if (SREG(s) = 1) then PC
PC+k + 1
None
1/2
BRBC
s, k
Branch if Status Flag Cleared
if (SREG(s) = 0) then PC
PC+k + 1
None
1/2
BREQ
k
Branch if Equal
if (Z = 1) then PC
 PC + k + 1
None
1/2
BRNE
k
Branch if Not Equal
if (Z = 0) then PC
 PC + k + 1
None
1/2
BRCS
k
Branch if Carry Set
if (C = 1) then PC
 PC + k + 1
None
1/2
BRCC
k
Branch if Carry Cleared
if (C = 0) then PC
 PC + k + 1
None
1/2
BRSH
k
Branch if Same or Higher
if (C = 0) then PC
 PC + k + 1
None
1/2
BRLO
k
Branch if Lower
if (C = 1) then PC
 PC + k + 1
None
1/2
BRMI
k
Branch if Minus
if (N = 1) then PC
 PC + k + 1
None
1/2
BRPL
k
Branch if Plus
if (N = 0) then PC
 PC + k + 1
None
1/2
BRGE
k
Branch if Greater or Equal, Signed
if (N
 V= 0) then PC  PC + k + 1
None
1/2
BRLT
k
Branch if Less Than Zero, Signed
if (N
 V= 1) then PC  PC + k + 1
None
1/2
BRHS
k
Branch if Half Carry Flag Set
if (H = 1) then PC
 PC + k + 1
None
1/2
BRHC
k
Branch if Half Carry Flag Cleared
if (H = 0) then PC
 PC + k + 1
None
1/2
BRTS
k
Branch if T Flag Set
if (T = 1) then PC
 PC + k + 1
None
1/2
BRTC
k
Branch if T Flag Cleared
if (T = 0) then PC
 PC + k + 1
None
1/2
BRVS
k
Branch if Overflow Flag is Set
if (V = 1) then PC
 PC + k + 1
None
1/2
BRVC
k
Branch if Overflow Flag is Cleared
if (V = 0) then PC
 PC + k + 1
None
1/2
BRIE
k
Branch if Interrupt Enabled
if ( I = 1) then PC
 PC + k + 1
None
1/2
BRID
k
Branch if Interrupt Disabled
if ( I = 0) then PC
 PC + k + 1
None
1/2
BIT AND BIT-TEST INSTRUCTIONS
SBI
P,b
Set Bit in I/O Register
I/O(P,b)
 1None
2
CBI
P,b
Clear Bit in I/O Register
I/O(P,b)
 0None
2
LSL
Rd
Logical Shift Left
Rd(n+1)
 Rd(n), Rd(0)  0
Z,C,N,V
1
LSR
Rd
Logical Shift Right
Rd(n)
 Rd(n+1), Rd(7)  0
Z,C,N,V
1
ROL
Rd
Rotate Left Through Carry
Rd(0)
C,Rd(n+1) Rd(n),CRd(7)
Z,C,N,V
1
ROR
Rd
Rotate Right Through Carry
Rd(7)
C,Rd(n) Rd(n+1),CRd(0)
Z,C,N,V
1
ASR
Rd
Arithmetic Shift Right
Rd(n)
 Rd(n+1), n=0..6
Z,C,N,V
1


Similar Part No. - ATTINY25V-10SSNR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25V-10SSNR ATMEL-ATTINY25V-10SSNR Datasheet
758Kb / 30P
   8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
More results

Similar Description - ATTINY25V-10SSNR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM81 ATMEL-AT90PWM81 Datasheet
5Mb / 325P
   8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515 Datasheet
2Mb / 254P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8 Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_14 Datasheet
6Mb / 206P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System
ATTINY261 ATMEL-ATTINY261_06 Datasheet
306Kb / 19P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_06 Datasheet
247Kb / 24P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com