Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-111196-3 Datasheet(PDF) 72 Page - Tyco Electronics

Part # 3-111196-3
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-111196-3 Datasheet(HTML) 72 Page - Tyco Electronics

Back Button 3-111196-3 Datasheet HTML 68Page - Tyco Electronics 3-111196-3 Datasheet HTML 69Page - Tyco Electronics 3-111196-3 Datasheet HTML 70Page - Tyco Electronics 3-111196-3 Datasheet HTML 71Page - Tyco Electronics 3-111196-3 Datasheet HTML 72Page - Tyco Electronics 3-111196-3 Datasheet HTML 73Page - Tyco Electronics 3-111196-3 Datasheet HTML 74Page - Tyco Electronics 3-111196-3 Datasheet HTML 75Page - Tyco Electronics 3-111196-3 Datasheet HTML 76Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
72
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Typical Production Rates (Assemblies/Hour)
Tooling for
Number of Positions
Connectors
R-CAM 2A
R-CAM 3A
R-CAM 4
Ultra Novo Receptacles
——
40
AMPLIMITE .050 Series Connectors
——
68
AMPLIMITE HDF-20 D-Sub.
Plugs
15, 25, 37
9, 15, 25, 37
68 and 80 (Lead and Trail Modules)
Receptacles
68 and 80 (Lead Module Only)
.100 x .100 DIP Plugs
One End Only, 20–64
One End Only, 10–64
Available in future
Card Edge Connectors*
20–64
10–64
20–50
(10–64 Available in future)
Novo Receptacles*
20–64
10–64
10-64
2 mm Receptacles
12–50
Universal I/O Pin Connectors
One End Only, 20–64
Trail Module Only
* Supplied with the R-CAM 2A and R-CAM 3A only.
Reel fed version.
Order Connector Specific Tooling Packages / Feed Shear Tooling separately.
Machine
Connectors
Length
Model
Per Assembly
4 [100]
8 [205]
24 [160]
48 [1 220]
100 [2 540]
1
665
620
——
R-CAM 2A
2
570
500
405
300
3
475
460
375
280
4—
420
360
255
R-CAM 3A
2
1 075
950
780
660
500
4
275
265
255
R-CAM 4
5
205
200
190
6—
170
165
160
10
——
115
105
Available Tooling
Note: Call TE at the numbers listed below for part numbers or availability.
Products Applied
AMPLIMITE HDF-20 D-Sub. Plugs
AMPLIMITE HDF-20 D-Sub. Receptacles
.100 x .100 DIP Plugs
Card Edge Connectors
Novo Receptacles
2 mm Receptacles
Universal I/O Pin Connectors
Pre-manufactured Slit-and-Twist Cable
(R-CAM 4 only)
Note: For more product information, call TE at the numbers listed below.
Note: Actual production rates may vary depending on the cable assembly configuration.


Similar Part No. - 3-111196-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-111196-3 MACOM-3-111196-3 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
3-111196-3 MACOM-3-111196-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
3-111196-3 MACOM-3-111196-3 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 3-111196-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com