Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-111196-2 Datasheet(PDF) 60 Page - Tyco Electronics

Part # 3-111196-2
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-111196-2 Datasheet(HTML) 60 Page - Tyco Electronics

Back Button 3-111196-2 Datasheet HTML 56Page - Tyco Electronics 3-111196-2 Datasheet HTML 57Page - Tyco Electronics 3-111196-2 Datasheet HTML 58Page - Tyco Electronics 3-111196-2 Datasheet HTML 59Page - Tyco Electronics 3-111196-2 Datasheet HTML 60Page - Tyco Electronics 3-111196-2 Datasheet HTML 61Page - Tyco Electronics 3-111196-2 Datasheet HTML 62Page - Tyco Electronics 3-111196-2 Datasheet HTML 63Page - Tyco Electronics 3-111196-2 Datasheet HTML 64Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
60
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
DIP Plugs, .100 x .600 [2.54 x 15.24] Centers
Material and Finish
Housing and Cover — Black thermo-
plastic, UL 94V-0 rated
Contacts — Phosphor bronze, plated
.000050 [0.00127] nickel underplate on
entire contact, .000005 [0.000127] min.
gold on termination (IDC) end. See table
for leg finish.
Contact Design — Flat, tuning fork
style IDC
Related Product Data
Application Tooling — pages 70-74
Technical Documents
Product Specification
108-1538 DIP Plug
Ribbon Cable Requirements —
28 AWG stranded or 26, 28 and 30 AWG
solid wire
Housing Assembly with
Cover (Preassembled)
No. of
Dimensions
Contact
DIP Plugs
Pos.
ABC
Plating
(Preassembled)
24
1.150
1.288
1.100
Duplex1
5746615-1
29.21
32.72
27.94
28
1.350
1.488
1.300
Duplex1
5746615-2
34.29
37.80
33.02
40
1.950
2.088
1.900
Duplex1
5746615-3
49.53
53.04
48.26
1
.000015 [0.00038] gold on leg
Recommended Mounting
Hole Pattern
(for .094-.125 [2.39-3.18]
thick pc boards)


Similar Part No. - 3-111196-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-111196-2 MACOM-3-111196-2 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
3-111196-2 MACOM-3-111196-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
3-111196-2 MACOM-3-111196-2 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 3-111196-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com