Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-111196-2 Datasheet(PDF) 34 Page - Tyco Electronics

Part # 3-111196-2
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-111196-2 Datasheet(HTML) 34 Page - Tyco Electronics

Back Button 3-111196-2 Datasheet HTML 30Page - Tyco Electronics 3-111196-2 Datasheet HTML 31Page - Tyco Electronics 3-111196-2 Datasheet HTML 32Page - Tyco Electronics 3-111196-2 Datasheet HTML 33Page - Tyco Electronics 3-111196-2 Datasheet HTML 34Page - Tyco Electronics 3-111196-2 Datasheet HTML 35Page - Tyco Electronics 3-111196-2 Datasheet HTML 36Page - Tyco Electronics 3-111196-2 Datasheet HTML 37Page - Tyco Electronics 3-111196-2 Datasheet HTML 38Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 100 page
background image
34
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Micro-MaTch Miniature Connector System —
Female-on-Board Connector, Top Entry
This connector version
incorporates the patented
Micro-MaTch contact spring
system and is designed to
be soldered onto PC
Boards with a nominal thick-
ness of 1.6 mm.
The solder legs are
indented, providing firm
retention of the connector
before and during the
soldering operations.
As polarization is accom-
plished directly between the
Micro-MaTch male connec-
tors and the PC Board, this
top entry female connector
does not have any polariz-
ing features. Therefore, the
orientation of the connector
on the PC Board is irrele-
vant.
1.5
[.059]
1.27
[.050]
A
B Max.
3.1
[.122]
1.9
[.074]
4.0
[.157]
5.1
[.200]
Max.
2.54
[.100]
2.54
[.100]
1.27
[.050]
1.40
[.055]
1.80
[.071]
1.50
[.059]
0.80
[.031]
Hole for
Polarization Pin
Typical Hole Pattern
Not Solder Side Shown
No. of Positions
Dimensions (mm)
Part Numbers
A
B
2500 Connectors/Reel
250 Connectors/Box
4
3.81
7.1
215079-4
7-215079-4
6
6.35
9.7
215079-6
7-215079-6
8
8.89
12.2
215079-8
7-215079-8
10
11.43
14.7
1-215079-0
8-215079-0
12
13.97
17.3
1-215079-2
8-215079-2
14
16.51
19.8
1-215079-4
8-215079-4
16
19.05
22.4
1-215079-6
8-215079-6
18
21.59
24.9
1-215079-8
8-215079-8
20
24.13
27.4
2-215079-0
9-215079-0
Notes:
1. Connectors are always sideways mounted onto an adhesive tape.
2. Standard packaging quantity is 2500 connectors on a reel with a diameter of 600 mm.
3. At additional charge a special packaging option is available: 250 connectors on
a reel with a diameter of 250 mm, packed in a dedicated dispenser box.
Mates with:
X-338095-X
X-215083-X
X-215464-X
X-338728-X
METRIC
Dimensions are
millimeters over inches


Similar Part No. - 3-111196-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-111196-2 MACOM-3-111196-2 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
3-111196-2 MACOM-3-111196-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
3-111196-2 MACOM-3-111196-2 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 3-111196-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com