Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-111196-1 Datasheet(PDF) 66 Page - Tyco Electronics

Part # 2-111196-1
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-1 Datasheet(HTML) 66 Page - Tyco Electronics

Back Button 2-111196-1 Datasheet HTML 62Page - Tyco Electronics 2-111196-1 Datasheet HTML 63Page - Tyco Electronics 2-111196-1 Datasheet HTML 64Page - Tyco Electronics 2-111196-1 Datasheet HTML 65Page - Tyco Electronics 2-111196-1 Datasheet HTML 66Page - Tyco Electronics 2-111196-1 Datasheet HTML 67Page - Tyco Electronics 2-111196-1 Datasheet HTML 68Page - Tyco Electronics 2-111196-1 Datasheet HTML 69Page - Tyco Electronics 2-111196-1 Datasheet HTML 70Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
66
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
Accessories (Continued)
Pull Loops, Permanent
(for Receptacles and
Pin Connectors)
Material and Finish
Natural color PVC, 94-VTM-1 rating
(thin material)
Related Product Data
Use with:
Female Socket Connectors — pages
52-55
Ultra ATA Bus Connectors —
pages 13-15
2 mm Receptacle Connectors —
pages 16 and 17
Novo Connectors — pages 48-51
Note: This pull loop is installed manually between the cover and strain relief,
and cannot be used without strain relief.
No. of Positions
Female Socket
Ultra ATA
2 mm
Novo
Dimension
Pull Loop
Conns.
Bus Conns.
Rcpt. Conns.
Conns.
A
Part No.
10
12, 14, 16
10
.44
5088450-2
11.18
14
20
14
.64
5088450-3
16.26
16
22
16
.74
5088450-4
18.80
20
24, 26
20
.88
5088450-5
22.35
24
——
24
1.08
5088450-6
27.43
26
30, 34, 40
26
1.18
5088450-7
29.97
30
——
30
1.38
1-5088450-2
35.05
34
44
34
1.58
5088450-8
40.13
40
40
50
40
1.82
5088450-9
46.23
50
——
50
2.32
1-5088450-0
58.93
60
——
60
2.80
1-5088450-1
71.12


Similar Part No. - 2-111196-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-1 MACOM-2-111196-1 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-1 MACOM-2-111196-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-1 MACOM-2-111196-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 2-111196-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com