Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-111196-8 Datasheet(PDF) 31 Page - Tyco Electronics

Part # 2-111196-8
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-8 Datasheet(HTML) 31 Page - Tyco Electronics

Back Button 2-111196-8 Datasheet HTML 27Page - Tyco Electronics 2-111196-8 Datasheet HTML 28Page - Tyco Electronics 2-111196-8 Datasheet HTML 29Page - Tyco Electronics 2-111196-8 Datasheet HTML 30Page - Tyco Electronics 2-111196-8 Datasheet HTML 31Page - Tyco Electronics 2-111196-8 Datasheet HTML 32Page - Tyco Electronics 2-111196-8 Datasheet HTML 33Page - Tyco Electronics 2-111196-8 Datasheet HTML 34Page - Tyco Electronics 2-111196-8 Datasheet HTML 35Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
31
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Micro-MaTch Miniature Connector System Overview Technical Data
Technical Data
Centerline:
1.27 mm (staggered)
Number of Positions:
4, 6, 8, 10, 12, 14, 16, 18, 20, and some 24 positions
Contact Material:
Phosphor bronze
Contact Finish:
Tin over Nickel
Housing Material:
Thermoplastic polyester, red, glass-filled
For surface mount versions polyamide 4.6
Flammability rating:
per UL 94 V-0
UL-recognized:
File E28476 Vol. 23 Section 4
Contact Resistance:
10 M
Ω max.
Insulation Resistance:
1.000 M
Ω min.
Nominal Voltage:
230 V
Current Rating:
1.5 A max.
Temperature Range:
-40° C to +105° C (operating)
Mating Force:
5N max. per contact
Unmating Force:
1N min. per contact
Minimum Contact Force:
2N min.
Product Specification:
108-19052
Application Specification:
114-19016, 114-19051
RoHS Compliance Code:
Always RoHS compliant (directive 2002/95/EC) for all types
Lead-free Process Capable:
Wave solder capable to 265° C for through hole versions
reflow solder capable to 260° C for SMD versions
PC Board Connectors
PC Board Thickness:
1.6 mm nominal
PC Board Hole Diameter:
0.8 mm for solder connectors
Ribbon Connectors
Cable Type:
Ribbon cable, UL Style 2651
Conductor Spacing:
1.27 mm (.050")
Conductor Diameter:
Solid 0.30 mm diameter Stranded 0.08 mm2
7 x 0.12 - 0.13 mm (other diameters and/or configurations
on request)
Insulation Type:
semi-rigid PVC
Insulation Diameter:
0.9 ± 0.1 mm
Discrete Wire (COSI) Connectors
Cable Type :
AWG 28-24 and 24-20


Similar Part No. - 2-111196-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-8 MACOM-2-111196-8 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-8 MACOM-2-111196-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-8 MACOM-2-111196-8 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 2-111196-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com