Electronic Components Datasheet Search |
|
2-111196-6 Datasheet(PDF) 49 Page - Tyco Electronics |
|
2-111196-6 Datasheet(HTML) 49 Page - Tyco Electronics |
49 / 100 page 49 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Ribbon Cable Interconnect Solutions Novo Receptacles, Military Polarized* .100 x .100 [2.54 x 2.54] Centers C .100 [2.54] .100 [2.54] Terminated with Cover Position No. 1 Index Slot .329 [8.36] .629 [15.98] Ref. .093 [2.36] B .460 [11.68] .135 [3.43] .240 [6.10] Housing Assembly Cover Terminated with Cover and Strain Relief .570 [14.48] Ref. .650 [16.51] Ref. A .106 [2.69] .100 [2.54] Housing Assembly and Cover • There is no polarization slot on this end of 10- and 14-position receptacles. • .464 [11.79] Ref. .422 [10.72] Ref. Material and Finish Housing, Cover & Strain Relief — UL 94V-0 rated thermoplastic, black Contacts — Phosphor bronze, duplex plated (See chart below) Related Product Data Mateable Pin Headers — Universal — pages 84-95 Low Profile — pages 76-83 Mateable Universal I/O Pin Connectors — pages 45 and 46 Accessories Pull Tabs — page 63 Keying Plug — page 64 Pull Loops — page 66 Strain Relief Dimensional Information — page 68 Application Tooling — pages 70-74 Technical Documents Product Specifications 108-40000 Novo and Novo Stackable Receptacles; 108-40004 Ribbon Cable, PVC Insulated Application Specification 114-40005 Ribbon Cable Connectors Instruction Sheets Instructional material covering operation, setup, maintenance, repair, etc. is included with each machine, tool or die set. If this material is required prior to receiving your tooling, call TE at the numbers listed below for the applicable docu- ments. *These receptacles can be used in applications requiring non-polariza- tion, as well as military polarization. Contacts mate with .025 [0.64] sq. or round pins with .245 [6.22] max. and .175 [4.45] min. lengths. Housing Assembly with Cover (Preassembled) and Strain Relief (Optional) No. of Dimensions Contact Strain Relief Receptacle Pos. AB C Plating Part No. (Preassembled) 10 .450 .680 .400 Duplex1 499252-5 1658620-1 11.43 17.27 10.16 Duplex2 499252-5 1658623-1 14 .650 .880 .600 Duplex1 499252-9 1658620-2 16.51 22.35 15.24 Duplex2 499252-9 1658623-2 16 .750 .980 .700 Duplex1 499252-8 1658620-3 19.05 24.89 17.78 Duplex2 499252-8 1658623-3 20 .950 1.180 .900 Duplex1 499252-2 1658620-4 24.13 29.97 22.86 Duplex2 499252-2 1658623-4 24 1.150 1.380 1.100 Duplex1 1-499252-0 1658620-5 29.21 35.05 27.94 Duplex2 1-499252-0 1658623-5 26 1.250 1.480 1.200 Duplex1 499252-3 1658620-6 31.75 37.59 30.48 Duplex2 499252-3 1658623-6 30 1.450 1.680 1.400 Duplex1 1-499252-2 1658620-7 36.83 42.67 35.56 Duplex2 1-499252-2 1658623-7 34 1.650 1.880 1.600 Duplex1 499252-6 1658620-8 41.91 47.75 40.64 Duplex2 499252-6 1658623-8 40 1.950 2.180 1.900 Duplex1 499252-1 1658620-9 49.53 55.37 48.26 Duplex2 499252-1 1658623-9 50 2.450 2.680 2.400 Duplex1 499252-4 1-1658620-0 62.23 68.07 60.96 Duplex2 499252-4 1-1658623-0 60 2.950 3.180 2.900 Duplex1 499252-7 — 74.93 80.77 73.66 Duplex2 499252-7 — 64 3.150 3.380 3.100 Duplex1 1-499252-3 1-1658620-2 80.01 85.85 78.74 Duplex2 1-499252-3 — 1 .000015 [0.00038] gold or gold flash over palladium-nickel .000015 [0.00038] min. total on post/pin mating end, .000100-.000200 [0.00254-0.00508] tin on termination end, with entire contact underplated .000050 [0.00127] nickel. 2 .000030 [0.00076] gold or gold flash over palladium-nickel .000030 [0.00076] min. total on post/pin mating end, .000100-.000200 [0.00254-0.00508] tin on termination end, with entire contact underplated .000050 [0.00127] nickel. Note: These receptacles include a housing assembly and cover (preassembled). Strain reliefs may be purchased sep- arately using the component part nos. listed above. All part numbers are RoHS compliant. |
Similar Part No. - 2-111196-6 |
|
Similar Description - 2-111196-6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |