Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1827876-6 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-1827876-6
Description  DYNAMIC D1200D 2.5mm PITCH HDR ASSY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1827876-6 Datasheet(HTML) 2 Page - Tyco Electronics

  1-1827876-6 Datasheet HTML 1Page - Tyco Electronics 1-1827876-6 Datasheet HTML 2Page - Tyco Electronics 1-1827876-6 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 1-1827876-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1827876-6 MACOM-1-1827876-6 Datasheet
247Kb / 3P
   DYNAMIC DI200D 2.5mmPITCH HDR ASSY (H-TYPE)
More results

Similar Description - 1-1827876-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1827875-6 MACOM-1-1827875-6 Datasheet
419Kb / 3P
   DYNAMIC D1200D 2.5mm PITCH HDR ASSY (V-TYPE) 4-20POS
logo
TE Connectivity Ltd
C-1827864 TEC-C-1827864 Datasheet
407Kb / 3P
   DYNAMIC D1200D 2.5mm PITCH REC HSG 4-20 POS
logo
Tyco Electronics
1-917658-2 MACOM-1-917658-2 Datasheet
108Kb / 1P
   DYNAMIC D3200 12 POS. V HDR ASSY
1-1827876-6 MACOM-1-1827876-6 Datasheet
247Kb / 3P
   DYNAMIC DI200D 2.5mmPITCH HDR ASSY (H-TYPE)
1-1827875-2 MACOM-1-1827875-2 Datasheet
419Kb / 3P
   DYNAMIC DI200D 2.5mmPITCH HDR ASSY (V-TYPE) 4-20POS
1-178314-5 MACOM-1-178314-5 Datasheet
77Kb / 1P
   4 POS SINGLE ROW VERTICAL HDR ASSY FOR DYNAMIC 310
1-178139-2 MACOM-1-178139-2 Datasheet
78Kb / 1P
   6 POS SINGLE ROW HORIZONTAL HDR ASSY FOR DYNAMIC D-3200
1123684-7 MACOM-1123684-7 Datasheet
116Kb / 1P
   PLUG ASSY 2.5MM PITCH BATTERY CONNECTOR (10POS.)
logo
Molex Electronics Ltd.
0022031162 MOLEX2-0022031162 Datasheet
112Kb / 3P
   2.5mm B-To-B Hdr SR VerB 16Ckt
0022031182 MOLEX2-0022031182 Datasheet
112Kb / 3P
   2.5mm B-To-B Hdr SR VerB 18Ckt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com