Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2531LQ1226E Datasheet(PDF) 6 Page - Texas Instruments

Part # LMX2531LQ1226E
Description  LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMX2531LQ1226E Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMX2531LQ1226E Datasheet HTML 2Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 3Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 4Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 5Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 6Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 7Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 8Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 9Page - Texas Instruments LMX2531LQ1226E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
LMX2531
SNAS252R – OCTOBER 2005 – REVISED FEBRUARY 2013
www.ti.com
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
Vcc
2.8
3.0
3.2
V
(VccDig, VccVCO, VccBUF)
Serial Interface and Power Control
Vi
0
2.75
V
Voltage
Ambient Temperature
TA
-40
+85
°C
(1)
(1)
Maximum Allowable Temperature Drift for Continuous Lock is how far the temperature can drift in either direction from the value it was
at the time that the R0 register was last programmed, and still have the part stay in lock. The action of programming the R0 register,
even to the same value, activates a frequency calibration routine. This implies that the part will work over the entire frequency range, but
if the temperature drifts more than the maximum allowable drift for continuous lock, then it will be necessary to reload the R0 register to
ensure that it stays in lock. Regardless of what temperature the part was initially programmed at, the temperature can never drift outside
the frequency range of -40°C
≤TA≤ 85°C without violating specifications.
Package Thermal Information
The following package information assumes a JEDEC standard board with 9 thermal vias.
Package
θJA
θJC
NJH0036D
35.5 °C/W
9.1 °C/W
NJG0036A
35.5 °C/W
9.1 °C/W
Electrical Characteristics
(VCC = 3.0 V, -40°C ≤ TA ≤ 85 °C; except as specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Current Consumption
LMX2531LQ2265E/
38
44
2570E
Divider Disabled
LMX2531LQ2820E/
38
46
3010E
All Other Options
34
41
Power Supply Current Power
ICC
mA
Supply Current
LMX2531LQ2265E/
41
49
2570E
Divider Enabled
LMX2531LQ2820E/
44
52
3010E
All Other Options
37
46
ICCPD
Power Down Current
CE = 0 V, Part Initialized
7
µA
Oscillator
IIHOSC
Oscillator Input High Current
VIH = 2.75 V
100
µA
IILOSC
Oscillator Input Low Current
VIL = 0
-100
µA
fOSCin
Frequency Range
(1)
5
80
MHz
vOSCin
Oscillator Sensitivity
0.5
2.0
Vpp
PLL
fPD
Phase Detector Frequency
32
MHz
ICP = 0
90
µA
ICP = 1
180
µA
Charge Pump
ICPout
Output Current Magnitude
ICP = 3
360
µA
ICP = 15
1440
µA
ICPoutTRI
CP TRI-STATE Current
0.4 V < VCPout < 2.0 V
2
10
nA
Charge Pump
VCPout = 1.2 V
ICPoutMM
2
8
%
Sink vs. Source Mismatch
TA = 25°C
(1)
There are program bits that need to be set based on the OSCin frequency. Refer to the following sections: XTLSEL[2:0] -- Crystal
Select, XTLDIV[1:0] -- Division Ratio for the Crystal Frequency, XTLMAN[11:0] -- Manual Crystal Mode, XTLMAN2 -- MANUAL
CRYSTAL MODE SECOND ADJUSTMENT, andLOCKMODE -- FREQUENCY CALIBRATION MODE. Not all bit settings can be used
for all frequency choices of OSCin. For instance, automatic modes described in XTLSEL[2:0] -- Crystal Select do not work below 8 MHz.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMX2531


Similar Part No. - LMX2531LQ1226E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ1226E NSC-LMX2531LQ1226E Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1226E NSC-LMX2531LQ1226E Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
logo
Texas Instruments
LMX2531LQ1226E TI1-LMX2531LQ1226E Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
LMX2531LQ1226E/NOPB TI1-LMX2531LQ1226E/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
logo
National Semiconductor ...
LMX2531LQ1226E NSC-LMX2531LQ1226E_14 Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
More results

Similar Description - LMX2531LQ1226E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
   PLL Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2531 TI1-LMX2531_14 Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com