Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0046MHX Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH0046MHX
Description  LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0046MHX Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH0046MHX Datasheet HTML 2Page - Texas Instruments LMH0046MHX Datasheet HTML 3Page - Texas Instruments LMH0046MHX Datasheet HTML 4Page - Texas Instruments LMH0046MHX Datasheet HTML 5Page - Texas Instruments LMH0046MHX Datasheet HTML 6Page - Texas Instruments LMH0046MHX Datasheet HTML 7Page - Texas Instruments LMH0046MHX Datasheet HTML 8Page - Texas Instruments LMH0046MHX Datasheet HTML 9Page - Texas Instruments LMH0046MHX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LMH0046
SNLS222F – APRIL 2006 – REVISED APRIL 2013
www.ti.com
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
VIH
Input Voltage High Level
Logic inputs
2
VCC
V
VIL
Input Voltage Low Level
VEE
0.8
V
IIH
Input Current High Level
VIH = VCC
1
65
µA
IIL
Input Current Low Level
VIL = VEE
−1
−25
µA
VOH
Output Voltage High Level
IOH = −2 mA
Logic outputs
2
V
VOL
Output Voltage Low Level
IOL = +2 mA
VEE + 0.6
V
VSDID
Serial Input Voltage,
SDI
200
1600
mVP-P
Differential
VCMI
Input Common Mode
VCC−1.6
VCC−0.2
V
Voltage
VSDOD
Serial Output Voltage,
100
Ω differential load
SDO, SCO
720
800
880
mVP-P
Differential
VCMO
Output Common Mode
100
Ω differential load
VCC
V
Voltage
VSDOD
ICC
Power Supply Current,
1485 Mbps, NTSC color
100
mA
3.3V supply, Total
bar pattern
(1)
Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are referenced to
VEE (equal to zero volts).
(2)
Typical values are stated for: VCC = +3.3V, TA = +25°C.
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
BRSD
Serial Data Rate
SMPTE 259M, A
SDI, SDO
143
Mbps
BRSD
Serial Data Rate
SMPTE 259M, C
270
Mbps
BRSD
Serial Data Rate
SMPTE 292M
1483,
Mbps
1485
TOLJIT
Serial Input Jitter
143 or 270 Mbps(2)(3)(4)
SDI
>6
UIP-P
Tolerance
TOLJIT
Serial Input Jitter
143 or 270 Mbps(2)(5)(6)
>0.6
UIP-P
Tolerance
TOLJIT
Serial Input Jitter
1483 or 1485 Mbps(2)(5) (3)
>6
UIP-P
Tolerance
TOLJIT
Serial Input Jitter
1483 or 1485 Mbps(2)(5)(6)
>0.6
UIP-P
Tolerance
tJIT
Serial Data Output Jitter
143 Mbps(5)(7)
SDO
0.02
0.08
UIP-P
tJIT
Serial Data Output Jitter
270 Mbps(5)(7)
0.02
0.08
UIP-P
tJIT
Serial Data Output Jitter
1483 or 1485 Mbps(5)(7)
0.05
0.1
UIP-P
BWLOOP
Loop Bandwidth
270 Mbps,
300
kHz
<0.1dB Peaking
1485 Mbps,
2.0
MHz
<0.1dB Peaking
(1)
Typical values are stated for: VCC = +3.3V, TA = +25°C.
(2)
Peak-to-peak amplitude with sinusoidal modulation per SMPTE RP 184-1996 paragraph 4.1. The test data signal shall be color bars.
(3)
Refer to “A1” in Figure 1 of SMPTE RP 184-1996.
(4)
Characterized to the limitations of SDI test equipment.
(5)
This parameter is ensured by characterization over voltage and temperature limits.
(6)
Refer to “A2” in Figure 1 of SMPTE RP 184-1996.
(7)
Serial Data Output Jitter is total output jitter with 0.2 UIP-P input jitter.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0046


Similar Part No. - LMH0046MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0046MHX/NOPB TI1-LMH0046MHX/NOPB Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
More results

Similar Description - LMH0046MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0346 TI1-LMH0346_14 Datasheet
882Kb / 24P
[Old version datasheet]   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
   SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
[Old version datasheet]   SD SDI Reclocker with Dual Differential Outputs
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com