Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0046MH Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH0046MH
Description  LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0046MH Datasheet(HTML) 3 Page - Texas Instruments

  LMH0046MH Datasheet HTML 1Page - Texas Instruments LMH0046MH Datasheet HTML 2Page - Texas Instruments LMH0046MH Datasheet HTML 3Page - Texas Instruments LMH0046MH Datasheet HTML 4Page - Texas Instruments LMH0046MH Datasheet HTML 5Page - Texas Instruments LMH0046MH Datasheet HTML 6Page - Texas Instruments LMH0046MH Datasheet HTML 7Page - Texas Instruments LMH0046MH Datasheet HTML 8Page - Texas Instruments LMH0046MH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LMH0046
RATE0
RATE1
OP MUTE
XTAL IN/EXT CLK
LF2
LF1
SDI
SDI
VCC
BP/ AUTO-BP
1
2
3
4
5
6
7
8
9
10
SCO_EN
11
12
13
14
15
16
17
18
19
20
XTAL OUT
LOCK DET
SCO/SDO2
SCO/SDO2
VCCO
VCCO
SDO
SDO
HD
SD/
RETIMER / FIFO
VCO / PLL
SDI
LOCK DETECT
SDO
CONTROL LOGIC
AUTO BYPASS
BYPASS/
O/P MUTE
RATE0
RATE1
50
50
XTAL IN/EXT CLK
XTAL OUT
LOOP FILTER 1
LOOP FILTER 2
SCO_EN
SCO/SDO2
BYPASS
SDI
SDO
50
50
VCCO
SD/ HD
VCCO
SCO/SDO2
LMH0046
www.ti.com
SNLS222F – APRIL 2006 – REVISED APRIL 2013
Block Diagram
Connection Diagram
The exposed die attach pad is the negative electrical terminal for this device. It must be connected to the negative
power supply voltage.
Figure 3. 20-Pin HTSSOP
See PWP0020A Package
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH0046


Similar Part No. - LMH0046MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0046MH/NOPB TI1-LMH0046MH/NOPB Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046MHX/NOPB TI1-LMH0046MHX/NOPB Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
More results

Similar Description - LMH0046MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0346 TI1-LMH0346_14 Datasheet
882Kb / 24P
[Old version datasheet]   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
   SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
[Old version datasheet]   SD SDI Reclocker with Dual Differential Outputs
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com