Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0046MH Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH0046MH
Description  LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0046MH Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH0046MH Datasheet HTML 6Page - Texas Instruments LMH0046MH Datasheet HTML 7Page - Texas Instruments LMH0046MH Datasheet HTML 8Page - Texas Instruments LMH0046MH Datasheet HTML 9Page - Texas Instruments LMH0046MH Datasheet HTML 10Page - Texas Instruments LMH0046MH Datasheet HTML 11Page - Texas Instruments LMH0046MH Datasheet HTML 12Page - Texas Instruments LMH0046MH Datasheet HTML 13Page - Texas Instruments LMH0046MH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LMH0046
SNLS222F – APRIL 2006 – REVISED APRIL 2013
www.ti.com
Control Inputs and Indicator Outputs
SERIAL DATA RATE SELECTOR
The Serial Data Rate Selector (RATE [1:0]) permits the user to fix the operating serial data rate. The pins have
internal pull-downs which maintain a logic-low input condition unless externally driven to a logic-high condition.
This input also serves to place the device in a test mode. The codes shown in Table 2 select the desired
operating serial data rate. The LMH0046 then enters either the Auto-Rate Detect mode or a single operating rate.
Selecting the 270 Mbps rate mode may also be used when reclocking DVB-ASI data. DVB-ASI data is MPEG2
coded data that is transmitted in 8B10B coding. The device will reclock this data without harmonic locking. Auto-
Rate Detect mode may be used for any supported data rate, including DVB-ASI.
Table 2. Data Rate Select Input Codes
Rate [1:0]
Data Rate
Comments
Code
or Mode
00
Auto-Rate Detect mode
143 Mbps rate operation supported only in ARD mode
01
270 Mbps
May be used to support DVB-ASI operation
10
1483/1485 Mbps
LOCK DETECT
The Lock Detect (LD) output, when high, indicates that data is being received and the PLL is locked. LD may be
connected to the MUTE input to mute the data and clock outputs when no data signal is being received. See
Table 3.
MUTE
The MUTE input, when low, mutes the serial data and clock outputs. It may be connected to Lock Detect or
externally driven to mute or un-mute the outputs. If MUTE is connected to LD, then the data and clock outputs
are muted when the PLL is not locked. This function overrides the Bypass function: see Table 3. MUTE has an
internal pull-up device to enable the output by default.
BYPASS/AUTO BYPASS
The Bypass/Auto Bypass input, when high, forces the device to output the data without reclocking it. When this
input is low, the device automatically bypasses the reclocking function when the device is in an unlocked
condition or the detected data rate is a rate which the device does not support. See Table 3. BYPASS/AUTO
BYPASS has an internal pull-down device.
Table 3. Control Functionality
LOCK DETECT
OUTPUT MUTE
BYPASS/AUTO BYPASS
DEVICE STATUS
0
1
0
PLL unlocked, reclocker bypassed
1
1
0
PLL locked to supported data rate, reclocker not bypassed
X
0
X
Outputs muted
0
LOCK DETECT
X
Outputs muted
1
LOCK DETECT
0
PLL locked to supported data rate, reclocker not bypassed
1
LOCK DETECT
1
PLL locked to supported data rate, reclocker bypassed
X
1
1
Outputs not muted, reclocker bypassed
SD/HD
The SD/HD output indicates whether the LMH0046 is processing SD or HD data rates. It may be used to control
another device such as the LMH0002 cable driver. When this output is high it indicates that the data rate is 270
Mbps (or 143 Mbps). When low, the indicated data rate is 1483 or 1485 Mbps. The SD/HD output is a registered
function and is only valid when the PLL is locked and the Lock Detect output is high. When the PLL is not locked
(the Lock Detect output is low), the SD/HD output defaults to HD (low). The SD/HD output is undefined for a
short time after lock detect assertion or de-assertion due to a data rate change on SDI. See Figure 6 for a timing
diagram showing the relationship between SDI, Lock Detect, and SD/HD.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0046


Similar Part No. - LMH0046MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0046MH/NOPB TI1-LMH0046MH/NOPB Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046MHX/NOPB TI1-LMH0046MHX/NOPB Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
More results

Similar Description - LMH0046MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0346 TI1-LMH0346_14 Datasheet
882Kb / 24P
[Old version datasheet]   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
   SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
[Old version datasheet]   SD SDI Reclocker with Dual Differential Outputs
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com