Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7111BIM5X Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7111BIM5X
Description  LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7111BIM5X Datasheet(HTML) 3 Page - Texas Instruments

  LMC7111BIM5X Datasheet HTML 1Page - Texas Instruments LMC7111BIM5X Datasheet HTML 2Page - Texas Instruments LMC7111BIM5X Datasheet HTML 3Page - Texas Instruments LMC7111BIM5X Datasheet HTML 4Page - Texas Instruments LMC7111BIM5X Datasheet HTML 5Page - Texas Instruments LMC7111BIM5X Datasheet HTML 6Page - Texas Instruments LMC7111BIM5X Datasheet HTML 7Page - Texas Instruments LMC7111BIM5X Datasheet HTML 8Page - Texas Instruments LMC7111BIM5X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LMC7111
www.ti.com
SNOS753E – AUGUST 1999 – REVISED MARCH 2013
2.7V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
LMC7111AI
LMC7111BI
Units
Typ (1)
Limit(2)
Limit(2)
VCM
Input Common-Mode
V+ = 2.7V
−0.10
0.0
0.0
V
Voltage Range
For CMRR
≥ 50 dB
0.40
0.40
min
2.8
2.7
2.7
V
2.25
2.25
max
CIN
Common-Mode Input
3
pF
Capacitance
VO
Output Swing
V+ = 2.7V
2.69
2.68
2.68
V
RL = 100 kΩ
2.4
2.4
min
0.01
0.02
0.02
V
0.08
0.08
max
V+ = 2.7V
2.65
2.6
2.6
V
RL = 10 kΩ
2.4
2.4
min
0.03
0.1
0.1
V
0.3
0.3
max
ISC
Output Short Circuit Current
Sourcing, VO = 0V
7
1
1
mA
0.7
0.7
min
Sinking, VO = 2.7V
7
1
1
mA
0.7
0.7
min
AVOL
Voltage Gain
Sourcing
400
V/mv
min
Sinking
150
V/mv
min
IS
Supply Current
V+ = +2.7V,
20
45
50
μA
VO = V
+/2
60
65
max
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
LMC7111AI
LMC7111BI
Units
Typ (1)
Limit (2)
Limit(2)
SR
Slew Rate
See (3)
0.015
V/
μs
GBW
Gain-Bandwidth Product
40
kHz
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Connected as Voltage Follower with 1.0V step input. Number specified is the slower of the positive and negative slew rates. Input
referred, V+ = 2.7V and RL = 100 kΩ connected to 1.35V. Amp excited with 1 kHz to produce VO = 1 VPP.
3V DC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 3V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
LMC7111AI
LMC7111BI
Units
Typ (1)
Limit(2)
Limit(2)
VCM
Input Common-Mode
V+ = 3V
−0.25
0.0
0.0
V
Voltage Range
For CMRR
≥ 50 dB
min
3.2
3.0
3.0
V
2.8
2.8
max
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC7111


Similar Part No. - LMC7111BIM5X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7111BIM5X NSC-LMC7111BIM5X Datasheet
735Kb / 18P
   Tiny CMOS Operational Amplifier with Rail-to-Rail Input
logo
Texas Instruments
LMC7111BIM5X TI-LMC7111BIM5X Datasheet
1Mb / 21P
[Old version datasheet]   Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7111BIM5X NSC-LMC7111BIM5X Datasheet
1Mb / 26P
   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC7111BIM5X TI1-LMC7111BIM5X Datasheet
1Mb / 26P
[Old version datasheet]   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111BIM5X/NOPB TI1-LMC7111BIM5X/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
More results

Similar Description - LMC7111BIM5X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7111 TI1-LMC7111 Datasheet
1Mb / 26P
[Old version datasheet]   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7111 NSC-LMC7111_14 Datasheet
1Mb / 26P
   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
108335 TI-108335 Datasheet
1Mb / 21P
[Old version datasheet]   Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7111 NSC-LMC7111 Datasheet
735Kb / 18P
   Tiny CMOS Operational Amplifier with Rail-to-Rail Input
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
   Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
LMC7101 NSC-LMC7101_09 Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
SM73306 TI1-SM73306 Datasheet
918Kb / 22P
[Old version datasheet]   SM73306 CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com