Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-31489-TR1G Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-31489-TR1G
Description  0.1W High Gain Driver Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31489-TR1G Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-31489-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-31489-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-31489-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-31489-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-31489-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31489-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31489-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31489-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31489-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MGA-31489
0.1W High Gain Driver Amplifier
1.5GHz ~ 3GHz
Data Sheet
Description
Avago Technologies MGA-31489 is a high performance
Driver Amplifier MMIC, housed in a standard SOT-89 plastic
package. The device features flat high gain with excellent
input and output return loss, as well as superior linearity
performance. The device can be easily matched to obtain
desired performance.
MGA-314389 is especially ideal for 50
Ω wireless infrastruc-
ture application within the 1.5 GHz to 3 GHz frequency
range applications. With high IP3 and low noise figure and
wideband operation, the MGA-31489 may be utilized as
a driver amplifier in the transmit chain and as a second
stage LNA in the receiver chain.
This device uses Avago Technologies proprietary 0.25
mm
GaAs Enhancement mode PHEMT process.
Pin connections and Package Marking
Note:
Top View: Package marking provides orientation and identification
“14” = Device Code
“X” = Date Code character indentifies month of manufacturing
Features
• ROHS compliant
• Halogen free
• High IP3 at low DC bias power[1]
• High gain, with good gain flatness
• Low noise figure
• Advanced enhancement mode PHEMT Technology
• Excellent uniformity in product specification
• SOT-89 standard package
Specifications
At 1.9 GHz, Vd = 5 V, Id = 69 mA (typ) @ 25° C
• OIP3 = 37.3 dBm
• Noise Figure = 1.9 dB
• Gain = 19.5 dB, Gain Flatness (± 50 MHz) = 0.11 dB
• P1dB = 21.9 dBm
• IRL = 17.2 dB, ORL = 10.1 dB
Note:
1. The MGA-31489 has a superior LFOM of 11.9 dB. Linearity Figure of
Merit (LFOM) is essentially OIP3 divided by DC bias power.
Simplified Schematic
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model = 120 V
ESD Human Body Model = 1400 V
Refer to Avago Application Note A004R:
Electrostatic Discharge, Damage and Control.
Figure 1. Simplified Schematic diagram
L
RFout
C
C
RFin
Vdd
C
C
C
L
14X
Top View
RFin
GND
RFout
#1
#2
#3
Bottom View
RFout
GND
RFin
#3
#2
#1


Similar Part No. - MGA-31489-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-31489 BOARDCOM-MGA-31489 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier 1.5GHz ~ 3GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier
More results

Similar Description - MGA-31489-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31389 AVAGO-MGA-31389_15 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier
MGA-31389 AVAGO-MGA-31389 Datasheet
546Kb / 15P
   0.1W High Gain Driver Amplifier
logo
Broadcom Corporation.
MGA-31389 BOARDCOM-MGA-31389 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier 50MHz ~ 2GHz
MGA-31489 BOARDCOM-MGA-31489 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier 1.5GHz ~ 3GHz
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
   17-43GHz, 0.1W Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31289 AVAGO-MGA-31289 Datasheet
554Kb / 13P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189_15 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189 Datasheet
546Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31289 AVAGO-MGA-31289_15 Datasheet
565Kb / 13P
   0.25W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com