Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-31389-TR1G Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-31389-TR1G
Description  0.1W High Gain Driver Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31389-TR1G Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-31389-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31389-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
MGA-31389 Absolute Maximum Rating (1) TA=25° C
Symbol
Parameter
Units
Absolute Max.
Vd, max
Drain Voltage, RF output to ground
V
5.5
Pd
Power Dissipation (2)
mW
605
Pin
CW RF Input Power
dBm
20
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance
Thermal Resistance (3)
(Vd = 5.0 V, Tc= 85° C), θjc = 60.0° C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Source lead temperature is 25° C. Derate 16.7
mW/° C for TL>128.0° C.
3. Thermal resistance measured using 150° C
Infra-Red Microscopy Technique.
MGA-31389 Electrical Specification (1)
TC = 25° C, Vd = 5 V, unless noted
Symbol
Parameter and Test Condition
Frequency
Units
Min.
Typ.
Max.
Ids
Quiescent Current
N/A
mA
62
73
90
NF
Noise Figure
0.45 GHz
0.9 GHz
1.5 GHz
dB
2.3
2.0
2.0
2.5
Gain
Gain
0.45 GHz
0.9 GHz
1.5 GHz
dB
20
21.5
21.3
20.6
23
OIP3 (2)
Output Third Order Intercept Point
0.45 GHz (2)
0.9 GHz (2)
1.5 GHz (2)
dBm
36.3
38.6
38.6
41.3
P1dB
Output Power at 1 dB Gain Compression
0.45 GHz
0.9 GHz
1.5 GHz
dBm
20.6
22.0
22.2
21.7
PAE
Power Added Efficiency at P1dB
0.45 GHz
0.9 GHz
1.5 GHz
%
41.0
41.2
38.4
IRL
Input Return Loss
0.45 GHz
0.9 GHz
1.5 GHz
dB
24.3
30.5
15.3
ORL
Output Return Loss
0.45 GHz
0.9 GHz
1.5 GHz
dB
11.4
14.7
12.1
ISOL
Isolation
0.45 GHz
0.9 GHz
1.5 GHz
dB
27.2
27.6
28.6
Note :
1. Measurements obtained from a test circuit described in Figure 34
2. OIP3 test condition: F1 - F2 = 10 MHz, with input power of -14 dBm per tone measured at worst case side band.


Similar Part No. - MGA-31389-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-31389 BOARDCOM-MGA-31389 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier 50MHz ~ 2GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31389 AVAGO-MGA-31389_15 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier
More results

Similar Description - MGA-31389-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31389 AVAGO-MGA-31389_15 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489 Datasheet
509Kb / 13P
   0.1W High Gain Driver Amplifier
logo
Broadcom Corporation.
MGA-31389 BOARDCOM-MGA-31389 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier 50MHz ~ 2GHz
MGA-31489 BOARDCOM-MGA-31489 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier 1.5GHz ~ 3GHz
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
   17-43GHz, 0.1W Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31289 AVAGO-MGA-31289 Datasheet
554Kb / 13P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189_15 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189 Datasheet
546Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31289 AVAGO-MGA-31289_15 Datasheet
565Kb / 13P
   0.25W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com