Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-637P8-BLKG Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-637P8-BLKG
Description  High Linearity Low Noise Amplifi er
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-637P8-BLKG Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-637P8-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-637P8-BLKG Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Figure 16. RFinput and RFoutput Reference Plane
Below is the table showing the MGA-637P8 Reflection Coefficient Parameters
tuned for Maximum IIP3, Vdd = 4.8 V, Idd = 75 mA.
Frequency
(GHz)
Gamma Load position
IIP3
(dBm)
Magnitude
Angle
1.5
0.27
99.9
25.3
1.7
0.27
100
26
1.9
0.27
119.9
27.2
2.0
0.27
120
28
2.2
0.36
129.7
28.7
2.5
0.36
143.9
30.2
Notes:
1. The Maximum IIP3 values are calculated based on Load pull measure-
ments on approximately 100 different impedances using Focus Load pull
test system.
2. Measurements are conducted on 0.010 inch thick ROGER 4350. The input
reference plane is at the end of the RFin pin and the output reference
plane is at the end of the RFout pin as shown in Figure 16.
RFinput
Reference Plane
RFoutput
Reference Plane
[2]
[RFinput]
[1]
[NU]
[3]
[Vbias2]
[4]
[NU]
[7]
[RFoutput]
[8]
[NU]
[6]
[PwrDwn]
[5]
[Vbias1]
Bias


Similar Part No. - MGA-637P8-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-637P8 BOARDCOM-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8_15 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
More results

Similar Description - MGA-637P8-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-638P8 AVAGO-MGA-638P8_15 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-638P8 BOARDCOM-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-637P8 BOARDCOM-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8_15 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-634P8 BOARDCOM-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8 Datasheet
267Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8_15 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-683P8 AVAGO-MGA-683P8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com