Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-32220-TR2G Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-32220-TR2G
Description  2 Watt High Linearity Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-32220-TR2G Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-32220-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-32220-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-32220-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-32220-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-32220-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-32220-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-32220-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-32220-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-32220-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Circuit Symbol Size
Value
Description
C1, C10
0805
2.2uF
Ceramic Chip Capacitor
C2, C4, C9
0402
0.1uF
Ceramic Chip Capacitor
C3, C5, C8
0402
10nF
Ceramic Chip Capacitor
C6, C7
0402
Not Used
N/A
R1, R2
1206
0 Ohm
Chip Resistor
R3
0402
Not Used
N/A
R4
0805
0 Ohm
Chip Resistor
Z1, Z2
0805
Optional
Zener Diode 5.6V
(Optional)
3
8
Bias
C5
C4
C9
C8
Module
50-Ohms TL
Output
match
C2
R1
C10
R2
C1
Z1
Z2
R4
To A
A
C3
C6
C7
R3
To B
B
1,2
18
13
Input
match
50-Ohms TL
Figure 6. Demo board application schematics and components table
Figure 7. Demo board Layout
1. Recommended PCB material is 10 mils Rogers RO4350, with FR4 backing for mechanical strength.
2. Suggested component values may vary according to layout and PCB material.
DC Pin Configuration of 20-pin Connector
Note:
To supply Vdd1 and Vdd2 individually, remove R4 and supply Vdd1 from
pin 1,2 and Vdd2 from pin 19,20
RF
input
10
1
20 pin Connector
RF
output
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
Vdd 1 – Pin 1, 2
Vsense1 – Pin 3
Vdd 2 – Pin 19, 20 (optional)
Vsense2 – Pin 18 (optional)
Vctrl – Pin 8
Other pins are grounded
Pins pointing out of the page
Unit is on top


Similar Part No. - ALM-32220-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32220-TR2G AVAGO-ALM-32220-TR2G Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
More results

Similar Description - ALM-32220-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32120 AVAGO-ALM-32120_14 Datasheet
741Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220 AVAGO-ALM-32220_14 Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9106 TRIQUINT-TQP7M9106_15 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32320 AVAGO-ALM-32320_12 Datasheet
830Kb / 11P
   2 Watt High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9106 QORVO-TQP7M9106 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32320 AVAGO-ALM-32320_14 Datasheet
698Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32120 AVAGO-ALM-32120_12 Datasheet
857Kb / 11P
   2 Watt High Linearity Amplifier
logo
WJ Communication. Inc.
AH312 WJCI-AH312 Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
logo
Broadcom Corporation.
ALM-32120 BOARDCOM-ALM-32120 Datasheet
741Kb / 11P
   0.7GHz ??1.0GHz 2 Watt High Linearity Amplifier
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com