Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-635P8 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-635P8
Description  Ultra Low Noise, High Linearity Low Noise Amplifi er
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-635P8 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-635P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-635P8 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Figure 27. Idd vs Rbias
Figure 28. Gain vs Frequency vs Idd
Figure 29. NF vs Frequency vs Idd
Figure 30. OP1dB vs Frequency vs Idd
Figure 31. OIP3 vs Frequency vs Idd
40
45
50
55
60
65
70
75
80
2.5
3
3.5
4
4.5
5
Rbias (kohm)
0
5
10
15
20
25
1.5
2
2.5
3
3.5
4
Frequency (GHz)
56mA
46mA
76mA
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
Frequency (GHz)
19
19.5
20
20.5
21
21.5
22
22.5
23
23.5
24
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
Frequency (GHz)
30
31
32
33
34
35
36
37
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
Frequency (GHz)
56mA
46mA
76mA
56mA
44mA
76mA
56mA
44mA
76mA


Similar Part No. - MGA-635P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-635P8 BOARDCOM-MGA-635P8 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8_15 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
More results

Similar Description - MGA-635P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-634P8 BOARDCOM-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-634P8 AVAGO-MGA-634P8_15 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8_15 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-638P8 BOARDCOM-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-637P8 BOARDCOM-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8_15 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-633P8 AVAGO-MGA-633P8 Datasheet
188Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com