Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-31322-TR2G Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-31322-TR2G
Description  1-Watt High Linearity Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-31322-TR2G Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-31322-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-31322-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-31322-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-31322-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-31322-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-31322-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-31322-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-31322-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-31322-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Electrical Specifications [7]
TA = 25 °C, Vdd =5V, Vctrl=5V, RF performance at 3.5 GHz, measured on demo board (see Figure 7) unless otherwise
specified.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Ids
Quiescent current
mA
340
413
480
Ictrl
Vctrl current
mA
-
13.1
-
Gain
Gain
dB
11.7
13.2
14.8
OIP3 [8]
Output Third Order Intercept Point
dBm
44.5
47.7
-
OP1dB
Output Power at 1dB Gain Compression
dBm
30
31
-
PAE
Power Added Efficiency
%
-
51.5
-
NF
Noise Figure
dB
-
2.8
-
S11
Input Return Loss, 50Ω source
dB
-
-10
-
S22
Output Return Loss, 50Ω load
dB
-
-10
-
S12
Reverse Isolation
dB
-
-27
-
Notes:
7. Measurements at 3.5GHz obtained using demo board described in Figure 6 and 7.
8. 3.5GHz OIP3 test condition: FRF1 - FRF2 = 10MHz with input power of -5dBm per tone measured at worse case side band
9. Use proper bias, heat sink and de-rating to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and
application note (if applicable) for more details.


Similar Part No. - ALM-31322-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31322-TR2G AVAGO-ALM-31322-TR2G Datasheet
344Kb / 12P
   1-Watt High Linearity Amplifier
More results

Similar Description - ALM-31322-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31222 AVAGO-ALM-31222_14 Datasheet
363Kb / 13P
   1-Watt High Linearity Amplifier
logo
Broadcom Corporation.
DEMO-ALM-31X22 BOARDCOM-DEMO-ALM-31X22 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31122 BOARDCOM-ALM-31122 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31122 AVAGO-ALM-31122_14 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31222 AVAGO-ALM-31222_10 Datasheet
259Kb / 13P
   1-Watt High Linearity Amplifier
ALM-31122 AVAGO-ALM-31122_10 Datasheet
239Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31322 AVAGO-ALM-31322_14 Datasheet
344Kb / 12P
   1-Watt High Linearity Amplifier
logo
List of Unclassifed Man...
AH215 ETC1-AH215 Datasheet
251Kb / 6P
   1 Watt, High Linearity HBT Amplifier
logo
ANADIGICS, Inc
ADR3410 ANADIGICS-ADR3410 Datasheet
785Kb / 8P
   50 ??High Linearity 1 Watt Amplifier
logo
WJ Communication. Inc.
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com