Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-31322 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-31322
Description  1-Watt High Linearity Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-31322 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM-31322_10 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-31322_10 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-31322_10 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-31322_10 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-31322_10 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-31322_10 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-31322_10 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM-31322_10 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALM-31322_10 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
ALM-31122 Typical Performance
TA = +25ºC, Vdd = 5V, Vctrl = 5V, Input Signal=CW unless stated otherwise.
340
360
380
400
420
440
460
480
500
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90
Temperature (ºC)
40
41
42
43
44
45
46
47
48
49
50
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
Frequency (GHz)
27
28
29
30
31
32
33
34
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
Frequency (GHz)
8
9
10
11
12
13
14
15
16
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
Frequency (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
Frequency (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
Frequency (GHz)
85ºC
25ºC
-40ºC
85ºC
25ºC
-40ºC
85ºC
25ºC
-40ºC
85ºC
25ºC
-40ºC
85ºC
25ºC
-40ºC
Figure 9. Over temperature OIP3 vs Frequency
Figure 10. Over temperature P1dB vs Frequency
Figure 11. Over temperature Gain vs Frequency
Figure 12. Over temperature S11 vs Frequency
Figure 13. Over temperature S22 vs Frequency
Figure 8.Ids vs Temperature


Similar Part No. - ALM-31322_10

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31322 AVAGO-ALM-31322_14 Datasheet
344Kb / 12P
   1-Watt High Linearity Amplifier
More results

Similar Description - ALM-31322_10

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31222 AVAGO-ALM-31222_14 Datasheet
363Kb / 13P
   1-Watt High Linearity Amplifier
logo
Broadcom Corporation.
DEMO-ALM-31X22 BOARDCOM-DEMO-ALM-31X22 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31122 BOARDCOM-ALM-31122 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31122 AVAGO-ALM-31122_14 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31222 AVAGO-ALM-31222_10 Datasheet
259Kb / 13P
   1-Watt High Linearity Amplifier
ALM-31122 AVAGO-ALM-31122_10 Datasheet
239Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31322 AVAGO-ALM-31322_14 Datasheet
344Kb / 12P
   1-Watt High Linearity Amplifier
logo
List of Unclassifed Man...
AH215 ETC1-AH215 Datasheet
251Kb / 6P
   1 Watt, High Linearity HBT Amplifier
logo
ANADIGICS, Inc
ADR3410 ANADIGICS-ADR3410 Datasheet
785Kb / 8P
   50 ??High Linearity 1 Watt Amplifier
logo
WJ Communication. Inc.
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com