Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-11036-BLKG Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-11036-BLKG
Description  Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-11036-BLKG Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-11036-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-11036-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-11036-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-11036-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-11036-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-11036-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-11036-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-11036-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-11036-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Rating [1] TA = 25° C
Symbol
Parameter
Units
Absolute Max.
Vdd
Device Voltage,
RF output to ground
V
5.5
Pin,max
CW RF Input Power
(Vdd = 5.0 V, Idd = 100 mA)
dBm
+15
Pdiss
Total Power Dissipation [3]
W
0.715
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance [2]
(Vdd = 5.0 V, Idd = 100 mA) θjc = 83.1 °C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Thermal resistance measured using Infra-Red
measurement technique.
3. Power dissipation with unit turned on. Board
temperature Tc is 25° C. Derate at 12.3 mW/°C
for TC > 92° C.
Electrical Specifications [1, 4]
RF performance at TA = 25° C, Vdd = 5 V, 849 MHz, measured on demo board in Figure 1 with component listed in Table 1
for DC bypass.
Symbol
Parameter and Test Condition
Frequency (MHz)
Units
Min.
Typ.
Max.
Idd
Drain Current
mA
75
92
107
Gain
Gain
776
849
dB
14.2
15.4
15.6
17.2
IRL
Input Return Loss, 50
Ω source
dB
30
ORL
Output Return Loss, 50
Ω load
dB
26
NF [2]
Noise Figure
776
849
dB
0.84
0.78
0.95
IIP3 [3]
Input Third Order Intercept Point
dBm
18.7
21.3
IP1dB
Input Power at 1 dB Gain Compression
dBm
2.85
4
Bypass IL
Bypass Insertion Loss, 50
Ω load Vdd = 0 V
776
849
dB
0.7
0.82
1.1
Bypass IRL
Input Return Loss, 50
Ω source Vdd = 0 V
dB
35
Bypass ORL
Output Return Loss, 50
Ω load Vdd = 0 V
dB
35
ISOL
Bypass Isolation @LNA ON Vdd = 5 V
dB
54
Notes:
1. Measurements at 849 MHz obtained using demo board described in Figure 1.
2. For NF data, board losses of the input have not been de-embedded.
3. IIP3 test condition: FRF1 = 849 MHz, FRF2 = 850 MHz with input power of -15 dBm per tone.
4. Use proper bias, heatsink and derating to ensure maximum channel temperature is not exceeded. See absolute maximum ratings and application
note for more details.


Similar Part No. - ALM-11036-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-11036 BOARDCOM-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11036 AVAGO-ALM-11036_15 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
More results

Similar Description - ALM-11036-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11036 AVAGO-ALM-11036_15 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11136 BOARDCOM-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136 Datasheet
414Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236 AVAGO-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11336 AVAGO-ALM-11336 Datasheet
398Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11236 BOARDCOM-ALM-11236 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
DEMO-ALM-11X36 BOARDCOM-DEMO-ALM-11X36 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11036 BOARDCOM-ALM-11036 Datasheet
417Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11336 BOARDCOM-ALM-11336 Datasheet
391Kb / 12P
   1850 MHz ??1980 MHz Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
   Fail-Safe Bypass Feature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com