Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF70SH18.5X0.7X6 Datasheet(PDF) 3 Page - TDK Electronics

Part # HF70SH18.5X0.7X6
Description  Ferrites for EMI Suppression
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HF70SH18.5X0.7X6 Datasheet(HTML) 3 Page - TDK Electronics

  HF70SH18.5X0.7X6 Datasheet HTML 1Page - TDK Electronics HF70SH18.5X0.7X6 Datasheet HTML 2Page - TDK Electronics HF70SH18.5X0.7X6 Datasheet HTML 3Page - TDK Electronics HF70SH18.5X0.7X6 Datasheet HTML 4Page - TDK Electronics HF70SH18.5X0.7X6 Datasheet HTML 5Page - TDK Electronics HF70SH18.5X0.7X6 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(2/5)
001-04 / 20110520 / e9b22_sh.fm
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
HF70SH6X0.6X5
HF70SH7X0.6X8
HF70SH8X0.6X5
HF56SH8X1X10
Part No.
Dimensions(mm)
Impedance Z (
Ω)[at 23°C]
Features
A
B
C
D
E
10MHz typ.
100MHz typ.
HF40SH18.5X0.7X8-G
21.5±0.4
18.5±0.4
3.0±0.3
0.7±0.3
8.0±0.3
5
36
Thin type
HF70SH18.5X0.7X6
21.5±0.4
18.5±0.4
3.0±0.3
0.7±0.3
6.0±0.3
9
27
Thin type
HF70SH18.5X0.7X8
21.5±0.4
18.5±0.4
3.0±0.3
0.7±0.3
8.0±0.3
11
33
Thin type
HF70SH18.8X1.1X7
23.8±0.4
18.8±0.4
6.3±0.4
1.1±0.2
7.0±0.5
19
41
HF56SH18.8X1.1X7
23.8±0.4
18.8±0.4
6.3±0.4
1.1±0.3
7.0±0.3
13
35
HF70SH18.8X1.1X15
23.8±0.4
18.8±0.4
6.3±0.4
1.1±0.2
15.0±0.5
38
75
HF56SH18.8X1.1X15
23.8±0.4
18.8±0.4
6.3±0.4
1.1±0.2
15.0±0.5
29
74
HF70SH20X0.5X8
22.6±0.4
20.0±0.4
1.8±0.25
0.5±0.2
8.0±0.3
8
35
Thin type
HF70SH20X0.7X8
23.0±0.6
20.0±0.6
3.0±0.4
0.7±0.4
8.0±0.5
12
37
Thin type
HF70SH20X0.7X12
23.0±0.6
20.0±0.6
3.0±0.4
0.7±0.4
12.0±0.5
15
50
Thin type
HF70SH20X0.9X12
23.0±0.6
20.0±0.6
3.0±0.4
0.9±0.2
12.0±0.5
14
40
Thin type
HF70SH21X0.8X7
25.0±0.8
21.0±0.7
5.0±0.5
0.8±0.4
7.0±0.5
16
45
HF70SH21X0.8X12
25.0±0.8
21.0±0.7
5.0±0.5
0.8+0.4, –0.3
12.0±0.5
22
53
HF56SH21X0.8X12
25.0±0.8
21.0±0.7
5.0±0.5
0.8±0.4
12.0±0.5
18
56
HF70SH22X0.8X7
26.0±0.8
22.0±0.7
5.0±0.5
0.8±0.4
7.0±0.5
15
40
HF56SH22X0.8X12
26.0±0.8
22.0±0.7
5.0±0.5
0.8±0.4
12.0±0.5
17
56
HF70SH25X0.7X10
28.6±0.4
25.0±0.5
3.75±0.4
0.7±0.3
10.0±0.3
14
47
HF70SH25X1X15
31.0±0.5
25.0±0.5
7.0±0.3
1.0±0.3
15.0±0.8
36
80
HF70SH27X1.3X10
33.5±0.8
27.0±0.8
6.5±0.4
1.3±0.3
10.0±0.5
21
55
HF56SH27X1.3X10
33.5±0.8
27.0±0.8
6.5±0.4
1.3±0.3
10.0±0.5
14
45
HF70SH28X0.7X12
32.0±0.8
28.0±0.8
3.5±0.4
0.7±0.4
12.0±0.5
16
58
HF70SH28X2X10
34.0±0.5
28.0±0.5
7.5±0.5
2.0±0.2
10.0±0.3
23
53
HF70SH32X2X12.5
40.0±1.0
32.0±1.0
10.0±0.5
2.0±0.5
12.5±0.5
27
64
HF70SH32X2X25
40.0±1.0
32.0±1.0
10.0±0.5
2.0±0.5
25.0±1.0
52
120
HF70SH35X0.8X8
39.0±0.8
35.0±0.8
4.0±0.5
0.8±0.5
8.0±0.5
10
40
HF70SH35X0.8X12
39.0±0.8
35.0±0.8
4.0±0.5
0.8±0.5
12.0±0.5
15
60
HF70SH35X1.3X12
40.0±1.0
35.0±1.0
6.5±0.4
1.3±0.3
12.0±0.5
19
58
HF56SH35X1.3X12
40.0±1.0
35.0±1.0
6.5±0.4
1.3±0.3
12.0±0.5
16
60
HF70SH40X1.3X8
46.5±1.0
40.0±1.0
6.5±0.4
1.3±0.3
8.0±0.4
12
41
HF70SH40X2X12
50.0+0, –2.0
40.0+2.0, –0
12.0±0.5
2.0±0.5
12.0±1.0
25
60
HF70SH41X0.8X12
46.0±1.0
41.0±1.0
4.5±0.5
0.8+0.5, –0.2
12.0±0.5
16
60
HF70SH42X0.9X12
47.0±1.0
42.0±0.8
4.6±0.5
0.95±0.35
12.0±0.5
14
55
HF70SH46X1.9X10
53.0±1.0
46.0±1.0
7.1±0.6
1.9±0.5
10.0±0.5
15
48
HF70SH46X1.9X13
56.0±1.0
46.0±1.0
12.0±0.5
1.9±0.5
13.0±0.5
29
73
HF70SH52X1X12
57.0±1.0
52.0±1.0
5.0±0.5
1.0±0.5
12.0±0.5
16
62
E
A
B
100
10
1
110
100
1000
Frequency(MHz)
100
10
1
110
100
1000
Frequency(MHz)
100
10
1
110
100
1000
Frequency(MHz)
1000
100
10
1
110
100
1000
Frequency(MHz)


Similar Part No. - HF70SH18.5X0.7X6

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF70ACB TDK-HF70ACB Datasheet
39Kb / 2P
   EMC Components
HF70ACB201209-T TDK-HF70ACB201209-T Datasheet
39Kb / 2P
   EMC Components
HF70ACB201209-T TDK-HF70ACB201209-T Datasheet
104Kb / 8P
   Chip Beads
HF70ACB201209-T TDK-HF70ACB201209-T Datasheet
104Kb / 8P
   Chip Beads
HF70ACB201209-TL TDK-HF70ACB201209-TL Datasheet
39Kb / 2P
   EMC Components
More results

Similar Description - HF70SH18.5X0.7X6

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF70BB5X5X2 TDK-HF70BB5X5X2 Datasheet
135Kb / 9P
   Ferrites for EMI Suppression
logo
Samsung semiconductor
CIM10J102NC SAMSUNG-CIM10J102NC Datasheet
757Kb / 5P
   Chip Bead For EMI Suppression
logo
Myrra
74190 MYRRA-74190 Datasheet
128Kb / 1P
   DIMMER CHOKES FOR EMI SUPPRESSION
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
EPCOS
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
   EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
Fair-Rite Products Corp...
2673018001 FAIR-RITE-2673018001_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2673022401 FAIR-RITE-2673022401_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com