Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLK1005S10NJT Datasheet(PDF) 2 Page - TDK Electronics

Part # MLK1005S10NJT
Description  SMD Inductors For High Frequency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLK1005S10NJT Datasheet(HTML) 2 Page - TDK Electronics

  MLK1005S10NJT Datasheet HTML 1Page - TDK Electronics MLK1005S10NJT Datasheet HTML 2Page - TDK Electronics MLK1005S10NJT Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(2/3)
006-01 / 20080407 / e521_mlk1005.fm
• All specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS
• Test equipment
Inductance Q : HP4291A+16193A, or equivalent
SRF: HP8720C, or equivalent
Rdc: YOKOGAWA TYPE7561, or equivalent
• Rated current: Value obtained when current flows and temperature has risen to 20°C.
L, Q vs. FREQUENCY CHARACTERISTICS
Inductance
(nH)
Inductance
tolerance
Q
min.
Test frequency
L, Q (MHz)
Self-resonant
frequency
(GHz)
DC resistance
(
Ω)
Rated current
(mA)max.
Part No.
min.
typ.
max.
typ.
1.0
±0.3nH
5
100
12.0
16.9
0.10
0.05
500
MLK1005S1N0ST
1.2
±0.3nH
5
100
11.0
14.4
0.12
0.05
500
MLK1005S1N2ST
1.5
±0.3nH
6
100
9.5
12.2
0.15
0.06
500
MLK1005S1N5ST
1.8
±0.3nH
6
100
8.5
10.9
0.17
0.07
500
MLK1005S1N8ST
2.2
±0.3nH
6
100
8.0
9.6
0.18
0.08
500
MLK1005S2N2ST
2.7
±0.3nH
6
100
7.5
9.1
0.20
0.10
500
MLK1005S2N7ST
3.3
±0.3nH
7
100
7.0
8.3
0.22
0.11
400
MLK1005S3N3ST
3.9
±0.3nH
7
100
6.5
7.8
0.25
0.12
400
MLK1005S3N9ST
4.7
±0.3nH
7
100
6.0
6.9
0.28
0.13
400
MLK1005S4N7ST
5.6
±0.5nH
7
100
5.7
6.7
0.30
0.15
400
MLK1005S5N6DT
6.8
±0.5nH
7
100
5.5
6.3
0.35
0.18
400
MLK1005S6N8DT
8.2
±0.5nH
7
100
5.0
6.0
0.38
0.21
350
MLK1005S8N2DT
10
±5%
7
100
4.7
5.2
0.42
0.23
350
MLK1005S10NJT
12
±5%
7
100
4.3
5.3
0.47
0.27
350
MLK1005S12NJT
15
±5%
7
100
4.0
4.8
0.50
0.33
300
MLK1005S15NJT
18
±5%
7
100
4.0
4.7
0.60
0.38
250
MLK1005S18NJT
22
±5%
7
100
3.5
4.4
0.70
0.46
200
MLK1005S22NJT
27
±5%
7
100
3.0
3.9
0.80
0.53
200
MLK1005S27NJT
33
±5%
7
100
2.5
3.5
0.90
0.59
200
MLK1005S33NJT
39
±5%
6
100
2.0
3.1
1.00
0.65
200
MLK1005S39NJT
47
±5%
6
100
1.8
3.0
1.20
0.74
200
MLK1005S47NJT
56
±5%
6
100
1.5
2.6
1.30
0.84
200
MLK1005S56NJT
68
±5%
6
100
1.4
2.4
1.50
1.01
150
MLK1005S68NJT
82
±5%
6
100
1.3
2.2
1.80
1.39
150
MLK1005S82NJT
100
±5%
6
100
1.1
1.9
2.20
1.60
100
MLK1005SR10JT
Part No.
Inductance(nH)typ.
Q typ.
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
MLK1005S1N0ST
0.9
0.9
0.9
0.9
0.9
16
20
30
32
36
MLK1005S1N2ST
1.1
1.1
1.1
1.1
1.1
15
18
28
30
33
MLK1005S1N5ST
1.4
1.4
1.4
1.4
1.4
15
19
29
31
34
MLK1005S1N8ST
1.7
1.7
1.7
1.7
1.7
16
21
32
33
37
MLK1005S2N2ST
2.0
2.0
2.0
2.0
2.1
15
19
29
31
34
MLK1005S2N7ST
2.5
2.5
2.5
2.6
2.6
17
22
33
35
39
MLK1005S3N3ST
3.1
3.1
3.1
3.1
3.2
16
20
31
32
36
MLK1005S3N9ST
3.7
3.6
3.7
3.7
3.8
17
21
32
33
37
MLK1005S4N7ST
4.4
4.4
4.5
4.6
4.7
17
22
33
35
38
MLK1005S5N6DT
5.3
5.2
5.4
5.5
5.7
17
22
33
34
38
MLK1005S6N8DT
6.4
6.4
6.6
6.7
7.0
17
22
32
33
36
MLK1005S8N2DT
7.7
7.7
8.1
8.3
8.6
19
23
34
36
38
MLK1005S10NJT
9.4
9.4
10.0
10.2
10.7
19
23
34
35
38
MLK1005S12NJT
11.3
11.3
12.1
12.4
13.0
19
23
34
35
37
MLK1005S15NJT
14.2
14.2
15.3
15.8
16.8
18
23
33
34
35
MLK1005S18NJT
17.0
17.1
18.6
19.2
20.6
18
23
32
33
34
MLK1005S22NJT
20.8
20.9
23.0
23.9
25.8
18
23
32
33
34
MLK1005S27NJT
25.6
25.9
29.8
31.5
35.7
18
23
30
30
28
MLK1005S33NJT
31.4
31.9
37.6
40.2
18
23
29
29
MLK1005S39NJT
37.2
38.1
48.9
  
17
21
24
  
MLK1005S47NJT
45.0
46.2
60.6
  
18
21
24
  
MLK1005S56NJT
53.7
55.4
76.7
  
17
21
22
  
MLK1005S68NJT
65.4
68.1
102.3
  
17
20
19
  
MLK1005S82NJT
79.4
83.3
137.7
  
16
19
17
  
MLK1005SR10JT
97.4
103.7
204.7
  
16
19
14
  


Similar Part No. - MLK1005S10NJT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLK1005S10NJT000 TDK-MLK1005S10NJT000 Datasheet
127Kb / 10P
   With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
MLK1005S10NJT000 TDK-MLK1005S10NJT000 Datasheet
128Kb / 3P
   Inductors (Coils)
MLK1005S10NJTD25 TDK-MLK1005S10NJTD25 Datasheet
209Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLK1005S10NJT

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3640 TEC-3640 Datasheet
177Kb / 3P
   High Frequency Inductors SMD
10/2012
logo
TDK Electronics
MLG0603Q TDK-MLG0603Q Datasheet
75Kb / 6P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0402S TDK-MLG0402S Datasheet
36Kb / 2P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B8N2D TDK-MLG1608B8N2D Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0603S TDK-MLG0603S Datasheet
65Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B5N6D TDK-MLG1608B5N6D Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1005S TDK-MLG1005S Datasheet
78Kb / 6P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B4N7S TDK-MLG1608B4N7S Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLK1005S1N0S TDK-MLK1005S1N0S Datasheet
151Kb / 15P
   Inductors for High Frequency
MLG1005S36NJ TDK-MLG1005S36NJ Datasheet
3Mb / 24P
   Inductors for High Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com