Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5130PAP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBSS5130PAP
Description  30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS5130PAP Datasheet(HTML) 2 Page - NXP Semiconductors

  PBSS5130PAP Datasheet HTML 1Page - NXP Semiconductors PBSS5130PAP Datasheet HTML 2Page - NXP Semiconductors PBSS5130PAP Datasheet HTML 3Page - NXP Semiconductors PBSS5130PAP Datasheet HTML 4Page - NXP Semiconductors PBSS5130PAP Datasheet HTML 5Page - NXP Semiconductors PBSS5130PAP Datasheet HTML 6Page - NXP Semiconductors PBSS5130PAP Datasheet HTML 7Page - NXP Semiconductors PBSS5130PAP Datasheet HTML 8Page - NXP Semiconductors PBSS5130PAP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NXP Semiconductors
PBSS5130PAP
30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
PBSS5130PAP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
12 December 2012
2 / 17
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
E1
emitter TR1
2
B1
base TR1
3
C2
collector TR2
4
E2
emitter TR2
5
B2
base TR2
6
C1
collector TR1
7
C1
collector TR1
8
C2
collector TR2
Transparent top view
6
7
8
5
4
1
2
3
DFN2020-6 (SOT1118)
sym138
B1
E1
C2
B2
C1
TR1
TR2
E2
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PBSS5130PAP
DFN2020-6
plastic thermal enhanced ultra thin small outline package; no
leads; 6 terminals; body 2 x 2 x 0.65 mm
SOT1118
7. Marking
Table 4.
Marking codes
Type number
Marking code
PBSS5130PAP
2E
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
-30
V
VCEO
collector-emitter voltage
open base
-
-30
V
VEBO
emitter-base voltage
open collector
-
-7
V
IC
collector current
-
-1
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-2
A
IB
base current
-
-0.3
A


Similar Part No. - PBSS5130PAP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5130PAP NEXPERIA-PBSS5130PAP Datasheet
750Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
More results

Similar Description - PBSS5130PAP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5130PAP NEXPERIA-PBSS5130PAP Datasheet
750Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS5130T PHILIPS-PBSS5130T_15 Datasheet
203Kb / 11P
   30 V; 1 A PNP low VCEsat (BISS) transistor
9 July 2013
logo
Nexperia B.V. All right...
PBSS5130QA NEXPERIA-PBSS5130QA Datasheet
726Kb / 17P
   30 V, 1 A PNP low VCEsat (BISS) transistor
28 August 2013
PBSS5130T NEXPERIA-PBSS5130T Datasheet
319Kb / 12P
   30 V; 1 A PNP low VCEsat (BISS) transistor
9 July 2013
logo
NXP Semiconductors
PBSS5130T PHILIPS-PBSS5130T Datasheet
54Kb / 7P
   30 V, 1 A PNP low VCEsat (BISS) transistor
2003 Dec 12
PBSS5130QA NXP-PBSS5130QA Datasheet
244Kb / 17P
   30 V, 1 A PNP low VCEsat (BISS) transistor
28 August 2013
logo
Nexperia B.V. All right...
PBSS4130PANP NEXPERIA-PBSS4130PANP Datasheet
853Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4130PANP NXP-PBSS4130PANP Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS4130PANP PHILIPS-PBSS4130PANP_15 Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4032SP NEXPERIA-PBSS4032SP Datasheet
837Kb / 15P
   30 V, 4.8 A PNP/PNP low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com