Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5060Q1MM Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5060Q1MM
Description  LM5060 High-Side Protection Controller with Low Quiescent Current
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5060Q1MM Datasheet(HTML) 4 Page - Texas Instruments

  LM5060Q1MM Datasheet HTML 1Page - Texas Instruments LM5060Q1MM Datasheet HTML 2Page - Texas Instruments LM5060Q1MM Datasheet HTML 3Page - Texas Instruments LM5060Q1MM Datasheet HTML 4Page - Texas Instruments LM5060Q1MM Datasheet HTML 5Page - Texas Instruments LM5060Q1MM Datasheet HTML 6Page - Texas Instruments LM5060Q1MM Datasheet HTML 7Page - Texas Instruments LM5060Q1MM Datasheet HTML 8Page - Texas Instruments LM5060Q1MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM5060
SNVS628F – OCTOBER 2009 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
Unless otherwise stated the following conditions apply: VIN = 14V, EN =2.00V, UVLO =2.00V, OVP = 1.50V, and TJ = 25°C.
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the operating junction temperature (TJ)
range of -40°C to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN Pin
IIN-EN
Input Current, Enabled Mode
-
1.4
1.7
mA
IIN-DIS
Input Current, Disabled Mode
EN = 0.50V
-
9
15
µA
IIN-STB
Input Current, Standby Mode
UVLO = 0.00V
-
0.56
0.80
mA
POREN
Power On Reset Threshold at VIN
VIN Rising
-
5.1
5.46
V
POREN-HYS
POREN Hysteresis
VIN Falling
-
500
-
mV
OUT Pin
IOUT-EN
OUT Pin Bias Current, Enabled
OUT = VIN, Normal Operation
5.0
8
11.0
µA
IOUT-DIS
OUT Pin Leakage Current, Disabled(1)
Disabled, OUT = 0V, SENSE = VIN
-
0
-
μA
SENSE Pin
ISENSE
Threshold Programming Current
SENSE Pin Bias Current
13.6
16
18.0
µA
VOFFSET
VDS Comparator Offset Voltage
SENSE - OUT Voltage for Fault Detection
-7.0
0
7.0
mV
IRATIO
ISENSE and IOUT-EN Current Ratio
ISENSE / IOUT-EN
1.70
2.0
2.30
OVP Input
OVPTH
OVP Threshold
OVP Pin Threshold Voltage Rising
1.88
2.0
2.12
V
OVPHYS
OVP Hysteresis
-
240
-
mV
OVPDEL
OVP Delay Time
Delay from OVP Pin > OVPTH to GATE low
-
9.6
-
µs
OVPBIAS
OVP Pin Bias Current
OVP = 1.9V
-
0
0.50
µA
UVLO Input
UVLOTH
UVLO Threshold
UVLO Pin Threshold Voltage Rising
1.45
1.6
1.75
V
UVLOHYS
UVLO Hysteresis
120
180
230
mV
UVLOBIAS
UVLO Pin Pull-Down Current
3.8
5.5
7.2
µA
EN Input
ENTHH
High-level input voltage
2.00
-
-
V
ENTHL
Low-level input voltage
-
-
0.80
V
ENHYS
EN Threshold Hysteresis
-
200
-
mV
ENBIAS
EN Pin Pull-down current
-
6
8.0
µA
Gate Control (GATE Pin)
Gate Charge (Sourcing) Current
IGATE
On-state
17
24
31
µA
On-state
Gate Discharge (Sinking) Current
IGATE-OFF
UVLO = 0.00V
-
2.2
-
mA
Off state
Gate Discharge (Sinking) Current
IGATE-FLT
OUT < SENSE
-
80
-
mA
Fault state
Gate output voltage in normal
GATE - VIN Voltage
VGATE
10
12
14
V
operation
GATE Pin Open
VGS Status Comparator Threshold
GATE - OUT threshold voltage for TIMER
VGATE-TH
3.50
5
6.50
V
voltage
voltage reset and TIMER current change
Zener Clamp between GATE Pin and
VGATE-CLAMP
IGATE-CLAMP = 0.1mA
-
16.8
-
V
OUT Pin
(1)
The GATE pin voltage is typically 12V above the VIN pin when the LM5060 is enabled. Therefore, the Absolute Maximum Rating for VIN
(75V) applies only when the LM5060 is disabled, or for a momentary surge to that voltage since the Absolute Maximum Rating for the
GATE pin is also 75V.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5060


Similar Part No. - LM5060Q1MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5060Q1MM NSC-LM5060Q1MM Datasheet
523Kb / 24P
   High-Side Protection Controller with Low Quiescent Current
logo
Texas Instruments
LM5060Q1MM TI1-LM5060Q1MM Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller
LM5060Q1MM/NOPB TI1-LM5060Q1MM/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller
LM5060Q1MM/NOPB TI1-LM5060Q1MM/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
logo
National Semiconductor ...
LM5060Q1MMX NSC-LM5060Q1MMX Datasheet
523Kb / 24P
   High-Side Protection Controller with Low Quiescent Current
More results

Similar Description - LM5060Q1MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5060 NSC-LM5060 Datasheet
523Kb / 24P
   High-Side Protection Controller with Low Quiescent Current
logo
Texas Instruments
LM5060 TI1-LM5060_14 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
LM5060 TI1-LM5060_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
logo
STMicroelectronics
LDL112 STMICROELECTRONICS-LDL112 Datasheet
1Mb / 32P
   1.2 A low quiescent current LDO with reverse current protection
logo
Analog Devices
LTC4372 AD-LTC4372 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
logo
Texas Instruments
LM9061 TI1-LM9061 Datasheet
4Mb / 33P
[Old version datasheet]   High-Side Protection Controller
LM5060 TI1-LM5060_15 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller
logo
Linear Technology
LTC3824 LINER-LTC3824_15 Datasheet
256Kb / 14P
   High Voltage Step-Down Controller With 40A Quiescent Current
LTC3261 LINER-LTC3261 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
logo
Maxim Integrated Produc...
MAX14922 MAXIM-MAX14922_V01 Datasheet
634Kb / 23P
   High-Side Switch Controller with Current Limiting
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com