Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8C-7PI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF16V8C-7PI
Description  Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8C-7PI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF16V8C-7PI Datasheet HTML 5Page - ATMEL Corporation ATF16V8C-7PI Datasheet HTML 6Page - ATMEL Corporation ATF16V8C-7PI Datasheet HTML 7Page - ATMEL Corporation ATF16V8C-7PI Datasheet HTML 8Page - ATMEL Corporation ATF16V8C-7PI Datasheet HTML 9Page - ATMEL Corporation ATF16V8C-7PI Datasheet HTML 10Page - ATMEL Corporation ATF16V8C-7PI Datasheet HTML 11Page - ATMEL Corporation ATF16V8C-7PI Datasheet HTML 12Page - ATMEL Corporation ATF16V8C-7PI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
0425H–PLD–3/11
Atmel ATF16V8C
In simple mode, all feedback paths of the output pins are routed via the adjacent pins. In doing so, the two inner most pins
(pins 15 and 16) will not have the feedback option as these pins are always configured as dedicated combinatorial output.
16.1
Atmel ATF16V8C registered mode
PAL device emulation/PAL replacement. The registered mode is used if one or more registers are required. Each
macrocell can be configured as either a registered or combinatorial output or I/O, or as an input. For a registered output or
I/O, the output is enabled by the OE pin, and the register is clocked by the CLK pin. Eight product terms are allocated to
the sum term. For a combinatorial output or I/O, the output enable is controlled by a product term, and seven product
terms are allocated to the sum term. When the macrocell is configured as an input, the output enable is permanently
disabled.
Any register usage will make the compiler select this mode. The following registered devices can be emulated using this
mode:
16R8
16RP8
16R6
16RP6
16R4
16RP4
Figure 17.
Registered configuration for registered mode
(1)(2)
Notes:
1. Pin 1 controls common CLK for the registered outputs.
Pin 11 controls common OE for the registered outputs.
Pin 1 and Pin 11 are permanently configured as CLK and OE.
2. The development software configures all the architecture control bits and checks for proper pin usage automatically.
Figure 18.
Combinatorial configuration for registered mode
(1)(2)
Notes:
1. Pin 1 and Pin 11 are permanently configured as CLK and OE.
2. The development software configures all the architecture control bits and checks for proper pin usage automatically.


Similar Part No. - ATF16V8C-7PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C-7PI ATMEL-ATF16V8C-7PI Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF16V8C-7PI ATMEL-ATF16V8C-7PI Datasheet
503Kb / 18P
   Highperformance EE PLD
More results

Similar Description - ATF16V8C-7PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
   Easy-to-Use GUI Software
Rev 0; 5/11
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com