Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACH4518-331 Datasheet(PDF) 5 Page - TDK Electronics

Part # ACH4518-331
Description  3-teminal Filters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACH4518-331 Datasheet(HTML) 5 Page - TDK Electronics

  ACH4518-331 Datasheet HTML 1Page - TDK Electronics ACH4518-331 Datasheet HTML 2Page - TDK Electronics ACH4518-331 Datasheet HTML 3Page - TDK Electronics ACH4518-331 Datasheet HTML 4Page - TDK Electronics ACH4518-331 Datasheet HTML 5Page - TDK Electronics ACH4518-331 Datasheet HTML 6Page - TDK Electronics ACH4518-331 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
• All specifications are subject to change without notice.
(4/6)
001-03 / 20110928 / e9611_ach
ACH3218 TYPE
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
ATTENUATION vs. FREQUENCY CHARACTERISTICS
MEASURING CIRCUIT
Part No.
25dB attenuation
frequency range
(MHz)
Rated
voltage
Edc
(V)max.
Rated
current
(A)max.
DC resistance
(
Ω)max.
[Terminal No.1 to 3]
Insulation
resistance
(M
Ω)min.
[Terminal No.1 to 2/No.2 to 3]
ACH3218-223
11 to 55
20
1.5
0.06
1000
ACH3218-103
17 to 60
20
1.5
0.06
1000
ACH3218-682
22 to 75
20
1.5
0.06
1000
ACH3218-472
30 to 85
20
1.5
0.06
1000
ACH3218-332
37 to 90
20
1.5
0.06
1000
ACH3218-222
45 to 105
20
1.5
0.06
1000
ACH3218-152
60 to 115
20
1.5
0.06
1000
ACH3218-102
80 to 140
20
1.5
0.06
1000
ACH3218-681
95 to 150
20
1.5
0.06
1000
ACH3218-471
120 to 180
20
1.5
0.06
1000
ACH3218-331
130 to 210
20
1.5
0.06
1000
ACH3218-221
170 to 250
20
1.5
0.06
1000
ACH3218-151
205 to 280
20
1.5
0.06
1000
ACH3218-101
265 to 340
20
1.5
0.06
1000
ACH3218-680
340 to 420
20
1.5
0.06
1000
ACH3218-470
420 to 500
20
1.5
0.06
1000
ACH3218-330
500 to 600
20
1.5
0.06
1000
ACH3218-220
600 to 700
20
1.5
0.06
1000
1.4
2.2
1.4
0.6
Resist
Land pattern
Dimensions in mm
3.2
±0.3
Insulation
resin
Terminal
electrode
0.6
0.45
13
2
GND terminal
Ferrite
No polarity
3
1
2
GND
Dimensions in mm
• Dimension without tolerance
is reference value.
50
40
30
20
10
0
1000
100
300
10
30
13
223
103 682472 332
Frequency(MHz)
ACH Series
L.M.
S.G.
50


Similar Part No. - ACH4518-331

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH4518-331-TD01 TDK-ACH4518-331-TD01 Datasheet
161Kb / 3P
   3-terminal filters For power line ACH series
20211217
More results

Similar Description - ACH4518-331

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACF3225 TDK-ACF3225 Datasheet
116Kb / 5P
   3-teminal Filters For signal line ACF series
MEM1608D301RT001 TDK-MEM1608D301RT001 Datasheet
167Kb / 3P
   3-terminal Filters
MEA1608LC060T001 TDK-MEA1608LC060T001 Datasheet
163Kb / 3P
   3-terminal Filters
MEA1608LC100T001 TDK-MEA1608LC100T001 Datasheet
164Kb / 3P
   3-terminal Filters
MEA1608LC220T001 TDK-MEA1608LC220T001 Datasheet
163Kb / 3P
   3-terminal Filters
MEA1608LE100TA0G TDK-MEA1608LE100TA0G Datasheet
170Kb / 3P
   3-terminal Filters
MEA1608LE220TA0G TDK-MEA1608LE220TA0G Datasheet
170Kb / 3P
   3-terminal Filters
MEA1608PE360TA0G TDK-MEA1608PE360TA0G Datasheet
166Kb / 3P
   3-terminal Filters
MEA2010LC150T002 TDK-MEA2010LC150T002 Datasheet
162Kb / 3P
   3-terminal Filters
MEA2010PE220T001 TDK-MEA2010PE220T001 Datasheet
168Kb / 3P
   3-terminal Filters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com