Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16V8C-7SC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF16V8C-7SC
Description  Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8C-7SC Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF16V8C-7SC Datasheet HTML 1Page - ATMEL Corporation ATF16V8C-7SC Datasheet HTML 2Page - ATMEL Corporation ATF16V8C-7SC Datasheet HTML 3Page - ATMEL Corporation ATF16V8C-7SC Datasheet HTML 4Page - ATMEL Corporation ATF16V8C-7SC Datasheet HTML 5Page - ATMEL Corporation ATF16V8C-7SC Datasheet HTML 6Page - ATMEL Corporation ATF16V8C-7SC Datasheet HTML 7Page - ATMEL Corporation ATF16V8C-7SC Datasheet HTML 8Page - ATMEL Corporation ATF16V8C-7SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
0425H–PLD–3/11
Atmel ATF16V8C
Figure 3.
AC waveforms
Note:
1. Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
Table 3-1.
AC characteristics
Symbol
Parameter
-5
-7
-10
Units
Min
Max
Min
Max
Min
Max
t
PD
Input or feedback to non-registered output
1
5
3
7.5
3
10
ns
t
CF
Clock to feedback
3
3
6
ns
t
CO
Clock to output
142
527
ns
t
S
Input or feedback setup time
3
5
7.5
ns
t
H
Input hold time
0
0
0
ns
t
P
Clock period
6
8
12
ns
t
W
Clock width
3
4
6
ns
f
MAX
External feedback 1/(t
S + tCO)
142
100
68
MHz
Internal feedback 1/(t
S + tCF)
166
125
74
MHz
No feedback 1/(t
P)
166
125
83
MHz
t
EA
Input to output enable – product term
2
6
3
9
3
10
ns
t
ER
Input to output disable – product term
2
5
2
9
2
10
ns
t
PZX
OE pin to output enable
2
5
2
6
2
10
ns
t
PXZ
OE pin to output disable
1.5
5
1.5
6
1.5
10
ns


Similar Part No. - ATF16V8C-7SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C-7SC ATMEL-ATF16V8C-7SC Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF16V8C-7SC ATMEL-ATF16V8C-7SC Datasheet
503Kb / 18P
   Highperformance EE PLD
More results

Similar Description - ATF16V8C-7SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
   Easy-to-Use GUI Software
Rev 0; 5/11
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com