Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACH3218-101 Datasheet(PDF) 4 Page - TDK Electronics

Part # ACH3218-101
Description  3-teminal Filters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACH3218-101 Datasheet(HTML) 4 Page - TDK Electronics

  ACH3218-101 Datasheet HTML 1Page - TDK Electronics ACH3218-101 Datasheet HTML 2Page - TDK Electronics ACH3218-101 Datasheet HTML 3Page - TDK Electronics ACH3218-101 Datasheet HTML 4Page - TDK Electronics ACH3218-101 Datasheet HTML 5Page - TDK Electronics ACH3218-101 Datasheet HTML 6Page - TDK Electronics ACH3218-101 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
• All specifications are subject to change without notice.
(3/6)
001-03 / 20110928 / e9611_ach
3-terminal Filters
For Power Line
ACH Series ACH3218, ACH4518
FEATURES
• The ACH series consists of products with superior attenuation
characteristics, in which the T-type filter circuit is magnetically
shielded with ferrite.
• The series offers even greater attenuation characteristics when
used in a stable circuit on the ground.
• The ACH series is ideal for high-density circuit design, since the
series is vertically mounted and does not require much mounting
space.
• Available for reflow soldering.
• It is a product conforming to RoHS directive.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions
(3) Type
(4) Packaging style
(5) TDK internal code
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components. The preheat-
ing temperature should be set so that the temperature difference
between the solder temperature and product temperature does
not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• The inductance value may change due to magnetic saturation if
the current exceeds the rated maximum.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
Conformity to RoHS Directive
ACH 3218 - 223 - T
D
(1)
(2)
(3)
(4)
(5)
Operating
–40 to +125°C
Storage(After mount)
–40 to +125°C
Packaging style
Quantity
Taping
1000 pieces/reel
• Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - ACH3218-101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH3218-101-T TDK-ACH3218-101-T Datasheet
126Kb / 9P
   3-terminal Filters For power line ACH series
ACH3218-101-TD01 TDK-ACH3218-101-TD01 Datasheet
105Kb / 7P
   3-terminal Filters For power line
More results

Similar Description - ACH3218-101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACF3225 TDK-ACF3225 Datasheet
116Kb / 5P
   3-teminal Filters For signal line ACF series
MEM1608D301RT001 TDK-MEM1608D301RT001 Datasheet
167Kb / 3P
   3-terminal Filters
MEA1608LC060T001 TDK-MEA1608LC060T001 Datasheet
163Kb / 3P
   3-terminal Filters
MEA1608LC100T001 TDK-MEA1608LC100T001 Datasheet
164Kb / 3P
   3-terminal Filters
MEA1608LC220T001 TDK-MEA1608LC220T001 Datasheet
163Kb / 3P
   3-terminal Filters
MEA1608LE100TA0G TDK-MEA1608LE100TA0G Datasheet
170Kb / 3P
   3-terminal Filters
MEA1608LE220TA0G TDK-MEA1608LE220TA0G Datasheet
170Kb / 3P
   3-terminal Filters
MEA1608PE360TA0G TDK-MEA1608PE360TA0G Datasheet
166Kb / 3P
   3-terminal Filters
MEA2010LC150T002 TDK-MEA2010LC150T002 Datasheet
162Kb / 3P
   3-terminal Filters
MEA2010PE220T001 TDK-MEA2010PE220T001 Datasheet
168Kb / 3P
   3-terminal Filters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com