Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVR-M0603C120MTAAB Datasheet(PDF) 4 Page - TDK Electronics

Part # AVR-M0603C120MTAAB
Description  Countermeasure for surge voltage and static electricity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M0603C120MTAAB Datasheet(HTML) 4 Page - TDK Electronics

  AVR-M0603C120MTAAB Datasheet HTML 1Page - TDK Electronics AVR-M0603C120MTAAB Datasheet HTML 2Page - TDK Electronics AVR-M0603C120MTAAB Datasheet HTML 3Page - TDK Electronics AVR-M0603C120MTAAB Datasheet HTML 4Page - TDK Electronics AVR-M0603C120MTAAB Datasheet HTML 5Page - TDK Electronics AVR-M0603C120MTAAB Datasheet HTML 6Page - TDK Electronics AVR-M0603C120MTAAB Datasheet HTML 7Page - TDK Electronics AVR-M0603C120MTAAB Datasheet HTML 8Page - TDK Electronics AVR-M0603C120MTAAB Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
(4/11)
002-01 / 20130821 / e9c11_avr.fm
• All specifications are subject to change without notice.
AVR-M TYPE
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Structure code
(4) Varistor voltage
(5) Varistor voltage tolerance
(6) Packaging style
(7) Capacitance and TDK internal code
(5) Capacitance tolerance
SHAPES AND DIMENSIONS
0402/0603/1005/1608/2012 TYPES
Dimensions in mm
RECOMMENDED PC BOARD PATTERN
Dimensions in mm
AVR-M 1005 C 270 M
T
AAB
(1)
(2)
(3) (4)
(5) (6)
(7)
AVRM 1005 C 6R8 N
T
101
N
(1)
(2)
(3) (4)
(5) (6)
(7)
(8)
0402
0.4
0.2mm
0603
0.6
0.3mm
1005
1.0
0.5mm
1608
1.6
0.8mm
2012
2.0
1.2mm
270
27
100V
K±10%
M±20%
N
±30%
TTaping
N
±30%
Type
L
W
T
B min.
Weight
(mg)typ.
0402
0.4±0.02
0.2±0.02
0.2±0.02
0.07
0.1
0603
0.6±0.03
0.3±0.03
0.3±0.03
0.1
0.2
1005
1.0±0.05
0.5±0.05
0.5±0.05
0.1
1.2
1608
1.6±0.1
0.8±0.1
0.8±0.1
0.2
5
2012
2.0±0.2
1.25±0.2
1.0±0.2
0.2
15
Type
a
b
c
0402
0.2
0.15 to 0.2
0.18 to 0.2
0603
0.25 to 0.35
0.2 to 0.3
0.25 to 0.35
1005
0.3 to 0.5
0.35 to 0.45
0.4 to 0.6
1608
0.6 to 0.8
0.6 to 0.8
0.6 to 0.8
2012
0.9 to 1.2
0.7 to 0.9
0.9 to 1.2
L
B
a
b
b


Similar Part No. - AVR-M0603C120MTAAB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVR-M0603C120MTAAB TDK-AVR-M0603C120MTAAB Datasheet
235Kb / 11P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVR-M0603C120MTAAB TDK-AVR-M0603C120MTAAB Datasheet
411Kb / 12P
   Chip varistors ESD/Voltage protection devices
February 2022
More results

Similar Description - AVR-M0603C120MTAAB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AVR-M1608C080MTAAB TDK-AVR-M1608C080MTAAB Datasheet
235Kb / 11P
   Countermeasure for surge voltage and static electricity
AVRL101A6R8GTA TDK-AVRL101A6R8GTA Datasheet
240Kb / 12P
   Chip Varistors Countermeasure for surge voltage and static electricity
AVRL101A3R3FTA TDK-AVRL101A3R3FTA Datasheet
235Kb / 11P
   Chip Varistors Countermeasure for surge voltage and static electricity
logo
Rohm
RDS070N03 ROHM-RDS070N03 Datasheet
41Kb / 4P
   Excellent Resistance to damage from static electricity
logo
Asahi Kasei Microsystem...
AK8126B AKM-AK8126B Datasheet
213Kb / 8P
   EMI Countermeasure for Spread Spectrum IC
logo
TDK Electronics
MPZ1608 TDK-MPZ1608 Datasheet
47Kb / 2P
   EMI countermeasure product for power line
logo
Abracon Corporation
ASHEK ABRACON-ASHEK Datasheet
1Mb / 3P
   Electricity, gas and water metering
10.24.14
logo
List of Unclassifed Man...
AN232ISO ETC2-AN232ISO Datasheet
273Kb / 1P
   simple and effective protection against all surges, static electricity and ground loops in your RS232 line.
logo
TDK Electronics
MPZ1005A151ET000 TDK-MPZ1005A151ET000 Datasheet
127Kb / 10P
   For power line GHz noise countermeasure
logo
AMAZING Microelectronic...
AZ3205-01F AMAZING-AZ3205-01F Datasheet
171Kb / 6P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com