Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACM9070-701-2PL Datasheet(PDF) 1 Page - TDK Electronics

Part # ACM9070-701-2PL
Description  Common Mode Filters(SMD)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM9070-701-2PL Datasheet(HTML) 1 Page - TDK Electronics

  ACM9070-701-2PL Datasheet HTML 1Page - TDK Electronics ACM9070-701-2PL Datasheet HTML 2Page - TDK Electronics ACM9070-701-2PL Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(1/3)
005-02 / 20070822 / e9713_acm.fm
• All specifications are subject to change without notice.
Common Mode Filters(SMD)
For Power Line
ACM Series ACM3225, 4532, 7060, 9070, 1211, 1513 Types
FEATURES
• A chip-type common mode filter for large current applications.
Common mode impedance surpasses 300 to 1000
Ωat 100MHz.
Noise is greatly suppressed.
• Capable of handling the highest current (up to 10A) of any chip-
type common mode filter.
• Height and size have been considered, resulting in a compact
and light-weight choke coil. Applicable for the miniaturization
required to reduce the size and weight of portable equipment.
• The products contain no lead and also support lead-free
soldering.
• This product does not contain regulated substances that are
slated to be included in RoHS.
APPLICATIONS
Used for power line noise suppression for any electronic devices.
Used to counter adapter/battery line noise for relatively large elec-
tronic devices such as notebook PCs, stand-alone word proces-
sors, etc.
PRODUCT IDENTIFICATION
(1) Series
(2) Dimensions L
× W
7060: 7.0
× 6.0mm
(3) Impedance[at 100MHz]
701: 700
(4) Number of lines
2PL: 2-line
(5) Packaging style
T: ø180mm reel taping
TL: ø330mm reel taping
(6) TDK internal code
TEMPERATURE RANGE
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM/RECOMMENDED PC BOARD PATTERN(REFLOW SOLDERING)
ACM3225, 4532 TYPES
Dimensions in mm
Conformity to RoHS Directive
ACM 7060 - 701 - 2PL - TL
(1)
(2)
(3)
(4)
(5)
(6)
Operating
–25 to +85°C
Type
L
W
T
D1
D2
ACM3225
3.2±0.2
2.5±0.2
2.3 max.
0.7
0.65
ACM4532
4.5±0.2
3.2±0.2
3.0 max.
1
1
Ferrite
D1
D1
Terminal
electrode
L
2
1
3
4
Insulation
resin
D2
D2
1
2
4
3
b
aa
Dimensions in mm
Type
abc
d
ACM3225
1.5
1.6
1.4
1.1
ACM4532
1.8
2.3
1.75
1.1
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - ACM9070-701-2PL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM9070-701-2PL-TL01 TDK-ACM9070-701-2PL-TL01 Datasheet
172Kb / 8P
   Common Mode Filters For power line ACM series
ACM9070-701-2PL-TL01 TDK-ACM9070-701-2PL-TL01 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM9070-701-2PL-TL01 TDK-ACM9070-701-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
More results

Similar Description - ACM9070-701-2PL

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDLP2012F CT-CTDLP2012F Datasheet
170Kb / 1P
   SMD Common Mode Filters
logo
TDK Electronics
ACT45B TDK-ACT45B Datasheet
32Kb / 1P
   Common Mode Filters SMD
ZCYS TDK-ZCYS Datasheet
51Kb / 2P
   Common Mode Filters(SMD) For xDSL
ACM2012H-900-2P-T00 TDK-ACM2012H-900-2P-T00 Datasheet
119Kb / 10P
   Common Mode Filters
ACM3225-102-2P TDK-ACM3225-102-2P Datasheet
184Kb / 9P
   Common Mode Filters
logo
SAMWHA ELECTRIC
CMV2012 SAMWHA-CMV2012 Datasheet
130Kb / 1P
   COMMON MODE FILTERS
logo
TDK Electronics
MCZ1210DH TDK-MCZ1210DH Datasheet
193Kb / 4P
   Common mode filters
MCZ1210CH TDK-MCZ1210CH Datasheet
171Kb / 4P
   Common mode filters
logo
STMicroelectronics
AN4511 STMICROELECTRONICS-AN4511 Datasheet
4Mb / 21P
   Common mode filters
logo
TDK Electronics
ACM2012 TDK-ACM2012_18 Datasheet
155Kb / 7P
   Common mode filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com