Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P16V8AS Datasheet(PDF) 6 Page - ATMEL Corporation

Part # P16V8AS
Description  Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

P16V8AS Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button P16V8AS Datasheet HTML 2Page - ATMEL Corporation P16V8AS Datasheet HTML 3Page - ATMEL Corporation P16V8AS Datasheet HTML 4Page - ATMEL Corporation P16V8AS Datasheet HTML 5Page - ATMEL Corporation P16V8AS Datasheet HTML 6Page - ATMEL Corporation P16V8AS Datasheet HTML 7Page - ATMEL Corporation P16V8AS Datasheet HTML 8Page - ATMEL Corporation P16V8AS Datasheet HTML 9Page - ATMEL Corporation P16V8AS Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
0425H–PLD–3/11
Atmel ATF16V8C
7.
Power-up reset
Registers of the ATF16V8C are designed to reset during power-up. At a point delayed slightly from V
CC crossing VRST, all
registers will be reset to the low state. As a result, the registered output state will always be high on power-up.
This feature is critical for state machine initialization. However, due to the asynchronous nature of reset and the uncertainty
of how V
CC actually rises in the system, the following conditions are required:
1.
The V
CC rise must be monotonic, from below 0.7V
2.
After reset occurs, all input and feedback setup times must be met before driving the clock term high, and
3.
The signals from which the clock is derived must remain stable during t
PR
Figure 8.
Power-up reset
Table 8-1.
Power-up reset parameters
9.
Power-down mode
The ATF16V8C includes an optional pin controlled powerdown feature. Device pin 4 may be configured as the power-
down pin. When this feature is enabled and the power-down pin is high, total current consumption drops to less than
100μA. In the power-down mode, all output data and internal logic states are latched and held. All registered and
combinatorial output data remains valid. Any outputs that were in a high-Z state at the onset of power-down will remain at
high-Z. During power-down, all input signals except the power-down pin are blocked. The input and I/O pin-keeper circuits
remain active to insure that pins do not float to indeterminate levels. This helps to further reduce system power.
Selection of the power-down option is specified in the ATF16V8C logic design file. The logic compiler will include this option
selection in the otherwise standard 16V8 JEDEC fuse file. When the power-down feature is not specified in the design file,
pin 4 is available as a logic input, and there is no power-down pin. This allows the ATF16V8C to be programmed using any
existing standard 16V8 fuse file.
Note:
Some programmers list the JEDEC-compatible 16V8C (No PD used) separately from the non-JEDEC compatible 16V8CEXT.
(EXT for extended features.)
10.
Registered output preload
Registers of the ATF16V8C are provided with circuitry to allow loading of each register with either a high or a low. This
feature will simplify testing since any state can be forced into the registers to control test sequencing. A JEDEC file with
preload is generated when a source file with vectors is compiled. Once downloaded, the JEDEC file preload sequence will
be done automatically by approved programmers.
Parameter
Description
Typ
Max
Units
t
PR
Power-up
Reset Time
600
1,000
ns
V
RST
Power-up
Reset Voltage
3.8
4.5
V


Similar Part No. - P16V8AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
P16V8AS ATMEL-P16V8AS Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
More results

Similar Description - P16V8AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
   Easy-to-Use GUI Software
Rev 0; 5/11
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com