Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5230B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MMSZ5230B
Description  5% TOLERANCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMSZ5230B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMSZ5230B Datasheet HTML 1Page - Fairchild Semiconductor MMSZ5230B Datasheet HTML 2Page - Fairchild Semiconductor MMSZ5230B Datasheet HTML 3Page - Fairchild Semiconductor MMSZ5230B Datasheet HTML 4Page - Fairchild Semiconductor MMSZ5230B Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DISCRETE POWER AND SIGNAL
TECHNOLOGIES
MMSZ5230B
5% TOLERANCE
Electrical Characteristics
TA = 25OC unless otherwise noted
SYM
CHARACTERISTICS
MIN
MAX
UNITS
TEST CONDITIONS
V
Z
Zener Voltage
4.465
4.935
V
I
ZT
= 20.0 mA D.C.
4.500
4.940
V
I
ZT
= 20.0 mA Pulse 26 mS
Z
Z
Zener Impedance
19.0
Ohms
I
ZT
= 20.0 mA
Z
ZK
Zener Knee Impedance
1,900
Ohms
I
ZK
=
250 uA
I
R
Reverse Leakage
5.0
uA
V
R
=
2.0 V
V
F
Forward Voltage
900
mV
I
F
=
10 mA
Absolute Maximum Ratings (note 1) TA = 25OC unless otherwise noted
Parameter
Value
Units
Storage Temperature
-55 to +150
OC
Maximum Junction Temperature
-55 to +150
OC
Total Power Dissipation at 25OC
500
mW
Derate above 25OC
6.7
mW/OC
Thermal Resistance (R
ØJA) Junction to Ambient (note 2)
340
OC/W
Maximum Temperature Coefficient
+/-0.030
%/OC
Nominal Zener Voltage (V
Z) at 20 mA
4.7
V
Note 1: These ratings are limiting values above which the serviceability of any semiconductor device may be impaired
Note 2: FR-4 or FR-5 = 3.5 x 1.5 inches using minimum recommended Land Pads.
Top Mark: D5
1: Cathode
2: Anode
2
1
© 1997 Fairchild Semiconductor Corporation
Features:
• Compact surface mount with same footprint as mini-melf
• 500 mW rating on FR-4 or FR-5 board.
• Class 3 ESD rating (>16 kV) per Human Body Model
Ordering:
• 7 inch reel (178 mm); 8 mm Tape; 3,000 units per reel.
General Description:
Half watt, General purpose, Medium Current Surface Mount
Zener in the SOD-123 package. The SOD-123 package has
the same footprint as the glass mini-melf (LL-34) package &
provides a convenient alternative to the Leadless package.


Similar Part No. - MMSZ5230B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5230B PANJIT-MMSZ5230B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
MMSZ5230B CHENDA-MMSZ5230B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
MMSZ5230B BILIN-MMSZ5230B Datasheet
142Kb / 4P
   Surface mount zener diode
logo
Diotec Semiconductor
MMSZ5230B DIOTEC-MMSZ5230B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5230B TSC-MMSZ5230B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5230B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMSZ5226B FAIRCHILD-MMSZ5226B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5231B FAIRCHILD-MMSZ5231B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5232B FAIRCHILD-MMSZ5232B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5236B FAIRCHILD-MMSZ5236B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5239B FAIRCHILD-MMSZ5239B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5245B FAIRCHILD-MMSZ5245B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5228B FAIRCHILD-MMSZ5228B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5238B FAIRCHILD-MMSZ5238B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5240B FAIRCHILD-MMSZ5240B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5246B FAIRCHILD-MMSZ5246B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5257B FAIRCHILD-MMSZ5257B Datasheet
158Kb / 5P
   5% TOLERANCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com