Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM358-N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM358-N
Description  LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM358-N Datasheet(HTML) 1 Page - Texas Instruments

  LM358-N Datasheet HTML 1Page - Texas Instruments LM358-N Datasheet HTML 2Page - Texas Instruments LM358-N Datasheet HTML 3Page - Texas Instruments LM358-N Datasheet HTML 4Page - Texas Instruments LM358-N Datasheet HTML 5Page - Texas Instruments LM358-N Datasheet HTML 6Page - Texas Instruments LM358-N Datasheet HTML 7Page - Texas Instruments LM358-N Datasheet HTML 8Page - Texas Instruments LM358-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM158-N, LM258-N, LM2904-N, LM358-N
www.ti.com
SNOSBT3H – JANUARY 2000 – REVISED MARCH 2013
LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
Check for Samples: LM158-N, LM258-N, LM2904-N, LM358-N
1
FEATURES
ADVANTAGES
2
Available in 8-Bump DSBGA Chip-
Two Internally Compensated Op Amps
Sized Package, (See AN-1112 (SNVA009))
Eliminates Need for Dual Supplies
Internally Frequency Compensated for Unity
Allows Direct Sensing Near GND and VOUT
Gain
Also Goes to GND
Large DC Voltage Gain:
100 dB
Compatible with All Forms of Logic
Wide Bandwidth (Unity Gain):
1 MHz
Power Drain Suitable for Battery Operation
(Temperature Compensated)
Wide Power Supply Range:
DESCRIPTION
The LM158 series consists of two independent, high
Single Supply:
3V to 32V
gain, internally frequency compensated operational
Or Dual Supplies:
±1.5V to ±16V
amplifiers which were designed specifically to operate
Very Low Supply Current Drain (500
from a single power supply over a wide range of
μA)—Essentially Independent of Supply
voltages. Operation from split power supplies is also
Voltage
possible and the low power supply current drain is
independent of the magnitude of the power supply
Low Input Offset Voltage:
2 mV
voltage.
Input Common-Mode Voltage Range Includes
Application areas include transducer amplifiers, dc
Ground
gain blocks and all the conventional op amp circuits
Differential Input Voltage Range Equal to the
which now can be more easily implemented in single
Power Supply Voltage
power supply systems. For example, the LM158
Large Output Voltage Swing
series can be directly operated off of the standard
+5V power supply voltage which is used in digital
UNIQUE CHARACTERISTICS
systems and will easily provide the required interface
electronics without requiring the additional ±15V
In the Llinear Mode the Input Common-Mode
power supplies.
Voltage Range Includes Ground and the
The LM358 and LM2904 are available in a chip sized
Output Voltage Can Also Swing to Ground,
package
(8-Bump
DSBGA)
using
TI's
DSBGA
even though Operated from Only a Single
package technology.
Power Supply Voltage.
The Unity Gain Cross Frequency is
Temperature Compensated.
The Input Bias Current is also Temperature
Compensated.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM358-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM358-N TI-LM358-N Datasheet
1Mb / 33P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
LM358-N TI1-LM358-N Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power, Dual-Operational Amplifiers
More results

Similar Description - LM358-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM158-N TI1-LM158-N Datasheet
1Mb / 27P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
LM358M TI-LM358M Datasheet
1Mb / 33P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com