Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

684MTR400KD Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 684MTR400KD
Description  Reduced size Axial leaded metallized polyester film capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

684MTR400KD Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  684MTR400KD Datasheet HTML 1Page - Illinois Capacitor, Inc. 684MTR400KD Datasheet HTML 2Page - Illinois Capacitor, Inc. 684MTR400KD Datasheet HTML 3Page - Illinois Capacitor, Inc. 684MTR400KD Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MTR
small size Metallized
Polyester Axial Lead
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Dims DxL
(mm)
d (MM)
22
250
226MTR250KN
3
25.5x46.5
1
22
400
226MTR400KN
6
37x46.5
1
33
63
336MTR063KJ
1
19.5x34
1
33
100
336MTR100KJ
2
23x34
1
33
250
336MTR250KN
3
30.5x46.5
1
47
63
476MTR063KJ
1
22.5x34
1
47
100
476MTR100KJ
2
27x34
1
47
100
476MTR100KN
1
23.5x46.5
1
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Dims DxL
(mm)
d (MM)
47
250
476MTR250KN
3
36x46.5
1
68
63
686MTR063KN
1
23x46.5
1
68
100
686MTR100KN
1
28x46.5
1
100
63
107MTR063KN
1
27.5x46.5
1
100
100
107MTR100KN
1
33x46.5
1
120
100
127MTR100KN
1
36x46.5
1
150
63
157MTR063KN
1
33x46.5
1


Similar Part No. - 684MTR400KD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
684MTR400KD ILLINOISCAPACITOR-684MTR400KD Datasheet
379Kb / 4P
   Axial Leaded Metallized Polyester Film Capacitors Reduced Size
More results

Similar Description - 684MTR400KD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102MTR102KA ILLINOISCAPACITOR-102MTR102KA Datasheet
379Kb / 4P
   Axial Leaded Metallized Polyester Film Capacitors Reduced Size
logo
MERITEK ELECTRONICS COR...
DMPE-RS MERITEK-DMPE-RS Datasheet
119Kb / 1P
   Metallized Polyester Film Capacitors-Reduced Size
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K_13 Datasheet
328Kb / 3P
   Axial leaded metallized polyester film capacitors
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
223MTB102KE ILLINOISCAPACITOR-223MTB102KE_13 Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K_13 Datasheet
226Kb / 2P
   Radial leaded metallized polyester film capacitors
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
logo
Suntan Capacitors
TS04A SUNTAN-TS04A_17 Datasheet
362Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04B SUNTAN-TS04B Datasheet
459Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR - AXIAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com