Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC430F5137 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC430F5137
Description  MSP430??SoC with RF Core
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5137 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC430F5137 Datasheet HTML 7Page - Texas Instruments CC430F5137 Datasheet HTML 8Page - Texas Instruments CC430F5137 Datasheet HTML 9Page - Texas Instruments CC430F5137 Datasheet HTML 10Page - Texas Instruments CC430F5137 Datasheet HTML 11Page - Texas Instruments CC430F5137 Datasheet HTML 12Page - Texas Instruments CC430F5137 Datasheet HTML 13Page - Texas Instruments CC430F5137 Datasheet HTML 14Page - Texas Instruments CC430F5137 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554G – MAY 2009 – REVISED FEBRUARY 2013
Table 3. CC430F613x and CC430F612x Terminal Functions (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.
General-purpose digital I/O with mappable secondary function
P3.2/ PM_TA0CCR1A/ S12
22
I/O
Default mapping: TA0 CCR1 compare output or capture input
LCD segment output S12
General-purpose digital I/O with mappable secondary function
P3.1/ PM_TA0CCR0A/ S11
23
I/O
Default mapping: TA0 CCR0 compare output or capture input
LCD segment output S11
General-purpose digital I/O with mappable secondary function
P3.0/ PM_CBOUT0/PM_TA0CLK/
24
I/O
Default mapping: Comparator_B output; TA0 clock input
S10
LCD segment output S10
DVCC
25
Digital power supply
General-purpose digital I/O
P4.7/ S9
26
I/O
LCD segment output S9
General-purpose digital I/O
P4.6/ S8
27
I/O
LCD segment output S8
General-purpose digital I/O
P4.5/ S7
28
I/O
LCD segment output S7
General-purpose digital I/O
P4.4/ S6
29
I/O
LCD segment output S6
General-purpose digital I/O
P4.3/ S5
30
I/O
LCD segment output S5
General-purpose digital I/O
P4.2/ S4
31
I/O
LCD segment output S4
General-purpose digital I/O
P4.1/ S3
32
I/O
LCD segment output S3
General-purpose digital I/O
P4.0/ S2
33
I/O
LCD segment output S2
General-purpose digital I/O
P5.3/ S1
34
I/O
LCD segment output S1
General-purpose digital I/O
P5.2/ S0
35
I/O
LCD segment output S0
RF_XIN
36
I
Input terminal for RF crystal oscillator, or external clock input
RF_XOUT
37
O
Output terminal for RF crystal oscillator
AVCC_RF
38
Radio analog power supply
AVCC_RF
39
Radio analog power supply
RF
Positive RF input to LNA in receive mode
RF_P
40
I/O
Positive RF output from PA in transmit mode
RF
Negative RF input to LNA in receive mode
RF_N
41
I/O
Negative RF output from PA in transmit mode
AVCC_RF
42
Radio analog power supply
AVCC_RF
43
Radio analog power supply
RBIAS
44
External bias resistor for radio reference current
GUARD
45
Power supply connection for digital noise isolation
General-purpose digital I/O
PJ.0/ TDO
46
I/O
Test data output port
General-purpose digital I/O
PJ.1/ TDI/ TCLK
47
I/O
Test data input or test clock input
General-purpose digital I/O
PJ.2/ TMS
48
I/O
Test mode select
General-purpose digital I/O
PJ.3/ TCK
49
I/O
Test clock
Test mode pin – select digital I/O on JTAG pins
TEST/ SBWTCK
50
I
Spy-Bi-Wire input clock
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - CC430F5137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F5137 TI1-CC430F5137 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
CC430F5137 TI1-CC430F5137 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F5137IRGZ TI-CC430F5137IRGZ Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F5137IRGZ TI1-CC430F5137IRGZ Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F5137IRGZ TI-CC430F5137IRGZ Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results

Similar Description - CC430F5137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com