Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC430F6126 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC430F6126
Description  MSP430??SoC with RF Core
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F6126 Datasheet(HTML) 3 Page - Texas Instruments

  CC430F6126 Datasheet HTML 1Page - Texas Instruments CC430F6126 Datasheet HTML 2Page - Texas Instruments CC430F6126 Datasheet HTML 3Page - Texas Instruments CC430F6126 Datasheet HTML 4Page - Texas Instruments CC430F6126 Datasheet HTML 5Page - Texas Instruments CC430F6126 Datasheet HTML 6Page - Texas Instruments CC430F6126 Datasheet HTML 7Page - Texas Instruments CC430F6126 Datasheet HTML 8Page - Texas Instruments CC430F6126 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554G – MAY 2009 – REVISED FEBRUARY 2013
Table 2. Ordering Information(1)
PACKAGED DEVICES(2)
TA
PLASTIC 64-PIN QFN (RGC)
PLASTIC 48-PIN QFN (RGZ)
CC430F6137IRGC
CC430F5137IRGZ
CC430F6135IRGC
CC430F5135IRGZ
–40°C to 85°C
CC430F6127IRGC
CC430F5133IRGZ
CC430F6126IRGC
CC430F6125IRGC
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - CC430F6126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F6126 TI1-CC430F6126 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
CC430F6126 TI1-CC430F6126 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6126IRGC TI-CC430F6126IRGC Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F6126IRGC TI1-CC430F6126IRGC Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F6126IRGC TI-CC430F6126IRGC Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results

Similar Description - CC430F6126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com