Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4160PAN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PBSS4160PAN
Description  60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4160PAN Datasheet(HTML) 5 Page - NXP Semiconductors

  PBSS4160PAN Datasheet HTML 1Page - NXP Semiconductors PBSS4160PAN Datasheet HTML 2Page - NXP Semiconductors PBSS4160PAN Datasheet HTML 3Page - NXP Semiconductors PBSS4160PAN Datasheet HTML 4Page - NXP Semiconductors PBSS4160PAN Datasheet HTML 5Page - NXP Semiconductors PBSS4160PAN Datasheet HTML 6Page - NXP Semiconductors PBSS4160PAN Datasheet HTML 7Page - NXP Semiconductors PBSS4160PAN Datasheet HTML 8Page - NXP Semiconductors PBSS4160PAN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NXP Semiconductors
PBSS4160PAN
60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
PBSS4160PAN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
14 January 2013
5 / 17
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
[1]
-
-
245
K/W
[2]
-
-
160
K/W
[3]
-
-
171
K/W
[4]
-
-
130
K/W
[5]
-
-
202
K/W
[6]
-
-
120
K/W
[7]
-
-
130
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[8]
-
-
63
K/W
[1] Device mounted on an FR4 PCB, single-sided 35 µm copper strip line, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided 35 µm copper strip line, tin-plated, mounting pad for
collector 1 cm2.
[3] Device mounted on 4-layer PCB 35 µm copper strip line, tin-plated and standard footprint.
[4] Device mounted on 4-layer PCB 35 µm copper strip line, tin-plated, mounting pad for collector 1 cm2.
[5] Device mounted on an FR4 PCB, single-sided 70 µm copper strip line, tin-plated and standard footprint.
[6] Device mounted on an FR4 PCB, single-sided 70 µm copper strip line, tin-plated, mounting pad for
collector 1 cm2.
[7] Device mounted on 4-layer PCB 70 µm copper strip line, tin-plated and standard footprint.
[8] Device mounted on 4-layer PCB 70 µm copper strip line, tin-plated, mounting pad for collector 1 cm2.
006aad166
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB 35 µm, standard footprint
Fig. 2. Per transistor: transient thermal impedance from junction to ambient as a function of pulse duration;
typical values


Similar Part No. - PBSS4160PAN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4160PAN NEXPERIA-PBSS4160PAN Datasheet
752Kb / 17P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
14 January 2013
logo
NXP Semiconductors
PBSS4160PANP NXP-PBSS4160PANP Datasheet
368Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
14 January 2013
logo
Nexperia B.V. All right...
PBSS4160PANP NEXPERIA-PBSS4160PANP Datasheet
337Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
20 December 2017
PBSS4160PANPS NEXPERIA-PBSS4160PANPS Datasheet
804Kb / 23P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4160PANP PHILIPS-PBSS4160PANP_15 Datasheet
368Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
14 January 2013
More results

Similar Description - PBSS4160PAN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4160DS PHILIPS-PBSS4160DS_15 Datasheet
216Kb / 14P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
Rev. 04-11 December 2009
PBSS4160DS PHILIPS-PBSS4160DS Datasheet
154Kb / 14P
   60 V 1 A NPN/NPN low VCEsat (BISS) transistor
Rev. 02-27 June 2005
logo
Nexperia B.V. All right...
PBSS4160DS NEXPERIA-PBSS4160DS Datasheet
329Kb / 15P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
Rev. 04 - 11 December 2009
PBSS4160PANS NEXPERIA-PBSS4160PANS Datasheet
762Kb / 19P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4160PAN PHILIPS-PBSS4160PAN_15 Datasheet
276Kb / 17P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
14 January 2013
logo
Nexperia B.V. All right...
PBSS4160PANPS NEXPERIA-PBSS4160PANPS Datasheet
804Kb / 23P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
PBSS4160PAN NEXPERIA-PBSS4160PAN Datasheet
752Kb / 17P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
14 January 2013
logo
NXP Semiconductors
PBSS4160T PHILIPS-PBSS4160T Datasheet
111Kb / 10P
   60 V, 1 A NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4160V PHILIPS-PBSS4160V_15 Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4160V NXP-PBSS4160V Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com