Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JM3851012501BGA Datasheet(PDF) 6 Page - Texas Instruments

Part # JM3851012501BGA
Description  LF198JAN Monolithic Sample-and-Hold Circuits
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JM3851012501BGA Datasheet(HTML) 6 Page - Texas Instruments

Back Button JM3851012501BGA Datasheet HTML 2Page - Texas Instruments JM3851012501BGA Datasheet HTML 3Page - Texas Instruments JM3851012501BGA Datasheet HTML 4Page - Texas Instruments JM3851012501BGA Datasheet HTML 5Page - Texas Instruments JM3851012501BGA Datasheet HTML 6Page - Texas Instruments JM3851012501BGA Datasheet HTML 7Page - Texas Instruments JM3851012501BGA Datasheet HTML 8Page - Texas Instruments JM3851012501BGA Datasheet HTML 9Page - Texas Instruments JM3851012501BGA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LF198JAN
SNOSAJ2A – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
AC/DC Parameters
Symbol
Parameter
Sub-
Conditions
Notes
Min
Max
Unit
groups
Delta VIO /
Input Offset Voltage Temp
-20
20
µV/°C
8A, 8B
Delta T
Sensitivity
TAQ
Aquisition Time
+VCC = 15V, -VCC = -15V
25
µS
7
TAP
Aperture Time
+VCC = 15V, -VCC = -15V
300
nS
7
TS
Settling Time
+VCC = 15V, -VCC = -15V
1.5
µS
7
FRR AC
Feedthrough Rejection Ratio
+VCC = 15V, -VCC = -15V,
86
dB
7
VI = 20Vpp
TRTS
Transient Response (settling time) +VCC = 3.5V, -VCC = -26.5V,
2.5
µS
7
VI = 100mV pulse
+VCC = 26.5V, -VCC = -3.5V,
2.5
µS
7
VI = 100mV pulse
TROS
Transient Response (overshoot)
+VCC = 3.5V, -VCC = -26.5V,
40
%
7
VI = 100mV pulse
+VCC = 26.5V, -VCC = -3.5V,
40
%
7
VI = 100mV pulse
enH
Noise
+VCC = 15V, -VCC = -15V
10
mVRMS
7
enS
Noise
+VCC = 15V, -VCC = -15V
10
mVRMS
7
DC Parameters: Drift Values
Delta calculations performed on S-Level devices at group B, subgroup 5 ONLY.
Symbol
Parameters
Conditions
Sub-
Notes
Min
Max
Unit
groups
VIO
Input Offset Voltage
+VCC = 15V, -VCC = -15V,
-0.5
0.5
mV
1
VCM = 0V
IIB
Input Bias Current
+VCC = 15V, -VCC = -15V,
-2.5
2.5
nA
1
VCM = 0V
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LF198JAN


Similar Part No. - JM3851012501BGA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JM3851012501BGA TI-JM3851012501BGA Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results

Similar Description - JM3851012501BGA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN_13 Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com