Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRPG-AD16-19C Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HRPG-AD16-19C
Description  Miniature Panel Mount Optical Encoders
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HRPG-AD16-19C Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HRPG-AD16-19C Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD16-19C Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD16-19C Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD16-19C Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD16-19C Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD16-19C Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD16-19C Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD16-19C Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HRPG-AD16-19C Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
TS
-40
+85
°C
Operating Temperature
TA
0
+70
°C
Vibration
20
g
20 Hz to 2 kHz
Supply Voltage
VCC
-0.5
7
V
Output Voltage
VO
-0.5
VCC
V
Output Current Per Channel
IO
-1
5
mA
Shaft Load – Axial
4.0
N
106 Revolutions
Shaft Load – Radial
0.1
Nm
106 Revolutions
Revolution Life
106
Rev
At Maximum Loads
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Notes
Temperature
T
0
+70
°C
Noncondensing Atmosphere
Supply Voltage
VCC
4.5
5.5
V
Ripple < 100 mVP-P
Rotation Speed – Detented
200
RPM
– Smooth
300
RPM
Electrical Characteristics
Over Recommended Operating Range
Parameter
Symbol
Min.
Max.
Units
Notes
Supply Current
ICC
40
mA
High Level Output Voltage
VOH
2.4
V
IOH = -40 µA Max.
Low Level Output Voltage
VOL
0.4
V
IOL = 3.2 mA
Output Waveforms


Similar Part No. - HRPG-AD16-19C

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HRPG-AD16 HP-HRPG-AD16 Datasheet
221Kb / 8P
   Miniature Panel Mount Optical Encoders
More results

Similar Description - HRPG-AD16-19C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HRPG AVAGO-HRPG Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HRPG-ASCA HP-HRPG-ASCA Datasheet
221Kb / 8P
   Miniature Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HRPG-ASCA-53C AVAGO-HRPG-ASCA-53C Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-8000 AVAGO-HEDR-8000 Datasheet
430Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com