Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MMSD3070 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MMSD3070
Description  Small Signal Diode
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
MMSD3070, Rev. A
2002 Fairchild Semiconductor Corporation
Top Marking:
5H
SOD123
BAND DENOTES CATHODE.
Absolute Maximum Ratings* T
A = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics T
A = 25°C unless otherwise noted
SOD123
Color Band Denotes Cathode
Top Marking:
33
Thermal Characteristics
MMSD3070
Small Signal Diode
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
200
V
I
F(AV)
Average Rectified Forward Current
200
mA
I
FSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
2.0
A
A
T
stg
Storage Temperature Range
-55 to +150
°C
T
J
Operating Junction Temperature
150
°C
Symbol
Parameter
Value
Units
P
D
Power Dissipation
400
mW
RθJA
Thermal Resistance, Junction to Ambient
312
°C/W
Symbol
Parameter
Test Conditions
Min
Max
Units
V
R
Breakdown Voltage
I
R = 100 µA
200
V
V
F
Forward Voltage
IF = 100 mA
1.0
V
IR
Reverse Current
VR = 175 V
V
R = 175 V, TA = 150°C
100
100
nA
µA
C
T
Total Capacitance
VR = 0, f = 1.0 MHz
5.0
pf
t
rr
Reverse Recovery Time
I
F = IR = 30 mA,
I
RR = 1.0 mA, RL = 100 Ω
50
ns




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BAT60JSMALL SIGNAL SCHOTTKY DIODE 1 2 3 4 5 STMicroelectronics
BAS16HT1GSmall Signal Diode 1 2 3 4 5 Fairchild Semiconductor
1N459Small Signal Diode 1 2 Fairchild Semiconductor
BAT74SMALL SIGNAL SCHOTTKY DIODE 1 2 3 4 STMicroelectronics
MMBD2838Small Signal Diode 1 2 Fairchild Semiconductor
MMBD7000DUAL SMALL SIGNAL SWITCHING DIODE 1 2 General Semiconductor
1N5711SMALL SIGNAL SCHOTTKY DIODE 1 2 3 STMicroelectronics
BAT54HT1GSmall Signal Diode 1 2 3 4 Fairchild Semiconductor
1N457Small Signal Diode 1 2 Fairchild Semiconductor
BTA54S2Small Signal Schottky diode 1 2 3 4 Cystech Electonics Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl